Electronic Components Datasheet Search
  English  ▼

X  

PC393 Datasheet(PDF) 2 Page - Picker Components

Part # PC393
Description  20 Amp Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC393 Datasheet(HTML) 2 Page - Picker Components

  PC393_17 Datasheet HTML 1Page - Picker Components PC393_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC393 Rev J 8/29/2017
2 of 2
PC393
PC393
COIL DATA
Coil Voltage
( VDC )
Coil Power
Must Operate
Voltage Max.
( VDC )
Must Release
Voltage Min.
( VDC )
Resistance (Ohms ± 10%)
Rated
Max
530 mW
800 mW
3
3.9
17
26
2.25
0.3
5
6.5
47
71
3.75
0.5
6
7.8
68
103
4.50
0.6
9
11.7
153
231
6.75
0.9
12
15.6
275
420
9.00
1.2
24
31.2
1100
1681
18.00
2.4
48
62.4
4350
6570
36.00
4.8
DIMENSIONS (in/mm)
PCB Mounting (Top
Terminal Layout (Bottom View)
Wiring Diagram (Bottom View)
1A2
1C2
1A2
1C2
1A2
1C2
Relay (Side View & Front View)
.787
( 15 )
.295
( 7.5 )
.197
( 5 )
.787
( 15 )
.295
( 7.5 )
0.039 x 0.016
( 1 x 0.4 )
4 –
0.039 x 0.006
( 1 x 0.16 )
2 –
0.039 x 0.020
( 1 x 0.5 ) - 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com