Electronic Components Datasheet Search
  English  ▼

X  

PT6345 Datasheet(PDF) 8 Page - Texas Instruments

Part # PT6345
Description  6-A 12-V Input Adjustable Integrated Switching Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6345 Datasheet(HTML) 8 Page - Texas Instruments

  PT6345 Datasheet HTML 1Page - Texas Instruments PT6345 Datasheet HTML 2Page - Texas Instruments PT6345 Datasheet HTML 3Page - Texas Instruments PT6345 Datasheet HTML 4Page - Texas Instruments PT6345 Datasheet HTML 5Page - Texas Instruments PT6345 Datasheet HTML 6Page - Texas Instruments PT6345 Datasheet HTML 7Page - Texas Instruments PT6345 Datasheet HTML 8Page - Texas Instruments PT6345 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Series Pt #
PT6343
PT6344
PT6345
PT6346
Vo (nom)
2.5
1.8
1.5
1.2V
Va (req’d)
Table 2
PT6340 Series
1.1
(5.1)k
Ω
1.15
(45.1)k
Ω
1.2
1.25
135.0k
Ω
1.3
55.1k
Ω
1.35
28.4k
Ω
1.4
15.1k
Ω
1.45
(11.1)k
Ω
7.1k
Ω
1.5
1.55
229.0k
Ω
1.6
102.0k
Ω
1.65
59.8k
Ω
1.7
(18.1)k
Ω
38.6k
Ω
1.75
(71.1)k
Ω
25.9k
Ω
1.8
17.4k
Ω
1.85
229.0k
Ω
11.4k
Ω
1.9
102.0k
Ω
6.9k
Ω
1.95
59.8k
Ω
3.3k
Ω
2.0
38.6k
Ω
0.5k
Ω
2.05
25.9k
Ω
2.1
17.4k
Ω
2.15
(0.0)k
Ω
11.4k
Ω
2.2
(6.1)k
Ω
6.9k
Ω
2.25
(14.3)k
Ω
3.3k
Ω
2.3
(26.6)k
Ω
0.5k
Ω
2.35
(47.1)k
Ω
2.4
(88.1)k
Ω
2.45
(206.0)k
Ω
2.5
2.55
229.0k
Ω
2.6
102.0k
Ω
2.65
59.8k
Ω
2.7
38.6kΩ
2.75
25.9k
Ω
2.8
17.4k
Ω
2.85
11.4k
Ω
2.9
6.9k
Ω
2.95
3.4k
Ω
3.0
0.5k
Ω
R1 = (Blue)
R2 = Black
Series Pt #
PT6341
PT6342
Vo (nom)
5.0
3.3V
Va (req’d)
ISR ADJUSTMENT RESISTOR VALUES
2.8
(5.7)k
Ω
2.85
(10.2)k
Ω
2.9
(15.8)k
Ω
2.95
(22.9)k
Ω
3.0
(32.8)k
Ω
3.05
(46.3)k
Ω
3.1
(66.6)k
Ω
3.15
(100.0)k
Ω
3.2
(168.0)k
Ω
3.25
(371.0)k
Ω
3.3
3.35
229.0k
Ω
3.4
102.0k
Ω
3.45
59.8k
Ω
3.5
38.6k
Ω
3.6
17.4κΩ
3.7
6.9k
Ω
3.8
0.5k
Ω
4.0
(2.4)k
Ω
4.1
(6.5)k
Ω
4.2
(11.7)k
Ω
4.3
(18.4)k
Ω
4.4
(27.3)k
Ω
4.5
(39.7)k
Ω
4.6
(58.3)k
Ω
4.7
(89.4)k
Ω
4.8
(152.0)k
Ω
4.9
(338.0)k
Ω
5.0
5.1
102k
Ω
5.2
38.6k
Ω
5.3
17.4k
Ω
5.4
6.9k
Ω
5.5
0.5k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com