Electronic Components Datasheet Search
  English  ▼

X  

PC459 Datasheet(PDF) 1 Page - Picker Components

Part # PC459
Description  Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC459 Datasheet(HTML) 1 Page - Picker Components

  PC459_17 Datasheet HTML 1Page - Picker Components PC459_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC459 Rev H 09/14/2017
1 of 2
Miniature PCB Power Relay
PC459
ORDERING INFORMATION
Example:
PC459
-2C
-12
S
.5
-X
Model:
PC459
Contact Form: 2A, 2B or 2C
Coil Voltage:
5, 9, 12, 24
Enclosure:
S: Sealed; C: Dust Cover
Options:
.5: 500 milliwatt
RoHS Compliant: -X
Box Quantity: 2,000; Inner Box: 1,000
Features
Lowest Cost Double-Pole Relay
2A, 2B and 2C Contact Forms Available
Sealed, Immersion Cleanable
Class B ( 125oC ) Insulation Standard
Class F ( 155oC ) Insulation Available
RoHS Compliant
File # E86876
CONTACT RATINGS
Contact Form
All Contact Forms
.6 W Coil
MAX Switching Current
10 Amps @ 277 VAC
6 Amps @ 125 VAC
10 Amps @ 30 VDC
MAX Switching Voltage 50VDC / 380 VAC
Minimum Load
0.05 Amps @ 5VDC
CONTACT DATA
Material
AgCdO ( Silver Cadmium Oxide , Au Clad)
AgSnO ( Silver Tin Oxide, Au Clad )
Initial Contact Resistance 50 mOhms
Service Life
Mechanical 1 x 107 Operations
Electrical
1 x 105 Operations
CHARACTERISTICS
Operate Time
10 ms. Typical
Release Time
5 ms. Typical
Insulation Resistance
100 Mohms Min ( @ 500VDC )
Dielectric Strength
1000 V @ 50 Hz
Shock Resistance
100 m/s
2
11ms
Vibration Resistance
10 Hz - 55 Hz ( 1.5mm Amplitude )
Power Consumption
.6 W
Ambient Temperature Range
-40
oC ~ 70oC ( @ 85% RH, None-Condensing )
Weight
12g


Similar Part No. - PC459_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
DPDT Miniature PCB Power Relay
More results

Similar Description - PC459_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
MINIATURE PCB POWER RELAY
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
Miniature PCB Power Relay
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
Miniature Power PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
miniature pcb power relay
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
miniature pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com