Electronic Components Datasheet Search
  English  ▼

X  

PC466 Datasheet(PDF) 1 Page - Picker Components

Part # PC466
Description  Ultra Slim Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC466 Datasheet(HTML) 1 Page - Picker Components

  PC466_17 Datasheet HTML 1Page - Picker Components PC466_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC466 Rev D 9/07/2017
1 of 2
Ultra Slim Miniature PCB Power Relay
PC466
ORDERING INFORMATION
Example:
PC466
-1A
-12
S
-X
Model: PC466
Contact Form: 1A
Coil Voltage: 5, 12, 24
Enclosure: S: Sealed; C: Flux Free
RoHS Compliant: -X
Box Quantity: 3,200; Inner Box: 800


Similar Part No. - PC466_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC466-1A-12C PICKER-PC466-1A-12C Datasheet
194Kb / 2P
Ultra Slim Minature PCB Power Relay
PC466-1A-12S PICKER-PC466-1A-12S Datasheet
194Kb / 2P
Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
Ultra Slim Minature PCB Power Relay
More results

Similar Description - PC466_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YH507 ETC1-YH507 Datasheet
709Kb / 2P
Ultra-miniature PCB Telecom Relay
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
Ultra Slim Minature PCB Power Relay
logo
fujitsu semiconductor
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
Ultra-Miniature Automotive PCB Relay
logo
List of Unclassifed Man...
892H-1CH-C-12VDC ETC2-892H-1CH-C-12VDC Datasheet
110Kb / 5P
10mm slim miniature PCB Power Relay
logo
Picker Components
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
Ultra Slim Minature PCB Power Relay
logo
American Electronic Com...
DTC0 AEC-DTC0 Datasheet
156Kb / 3P
ultra miniature pcb power relay
logo
Willow Technologies Ltd
DG20 WILLOW-DG20 Datasheet
215Kb / 2P
ultra miniature automotive pcb relay
DG60 WILLOW-DG60 Datasheet
444Kb / 3P
ultra miniature pcb automotive relay
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
Slim PCB Miniature Power Relay.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com