Electronic Components Datasheet Search
  English  ▼

X  

PC517 Datasheet(PDF) 2 Page - Picker Components

Part # PC517
Description  Automotive Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC517 Datasheet(HTML) 2 Page - Picker Components

  PC517_17 Datasheet HTML 1Page - Picker Components PC517_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC517 Rev E 08/11/2017
2 of 2
PC517
PC517
COIL DATA
Coil
Resistance
Ω ± 10%
Must Operate Voltage Max.
(VDC)
Must Release Voltage Min.
(VDC)
Coil
Power
Coil Voltage
(VDC)
Rated
Max.
A, B, C, U, V
W
B, V
A, C, U, W
6
8
28
3.75
4.5
0.35
0.7
1.0
12
16
130
7.50
9.0
0.70
1.4
24
31
520
15.0
18.0
1.40
2.8
12
15.6
120
7.50
9.0
.0.6
1.2
1.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com