Electronic Components Datasheet Search
  English  ▼

X  

PC537 Datasheet(PDF) 1 Page - Picker Components

Part # PC537
Description  Ultraminiature 30 Amp Automotive PCB-Mounted Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC537 Datasheet(HTML) 1 Page - Picker Components

  PC537_17 Datasheet HTML 1Page - Picker Components PC537_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC537 Rev J 7/14/2017
1 of 2
Ultraminiature 30 Amp Automotive PCB-Mounted Relay
PC537
CONTACT DATA
Material
AgSnO2, AgNi, AgSnO2+Au
Initial Contact Resistance
100 mΩ max @ 0.1 A, 6 VDC
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
FEATURES
 Ultra Miniature Design
 1 A (SPST NO) and 1 C (SPDT) Contacts Forms Available
 Contact Switching Capacity Up to 100 A
 Sealed, Immersion Cleanable
 -40 to105°C Operation Temperature
 RoHS Compliant
 Available as a Dual See PC549
CONTACT RATING 14 VDC @ 25°C
Contact
1 Form A (SPST-NO) or 1 Form C (SPDT)
Normally Open
Normally Closed
Rated Load (Resistive)
30 A/14 VDC
25 A/14 VDC
Max. Switching Current
Make 100 A*
Break 40 A
Max. Switching Voltage
28 VDC
Max. Carry Current
20°C
40 A for 2 min
NA
30A For 1 Hour
NA
35 A for 2 min
NA
85°C
25 A for 1 Hour
NA
Max. Switching Power
420 W
Minimum Load
0.5 A @ 12 VDC
ORDERING INFORMATION
CHARACTERISTICS
Operate Time
4 ms max.
Release Time
1.5 ms max
Insulation Resistance
1000 MΩ min, at 500 VDC
Dielectric Strength
500 V 50 Hz between Coil and Contacts
500 V 50 Hz between Contacts
Shock Resistance
300 m/s2 6ms
Vibration Resistance
10 Hz - 500 Hz, DA 1.27 mm 60 m/s2
Power Consumption
0.55 W, 0.57 W
CHARACTERISTICS Continued
Terminal Strength
10N
Solderability
255 ºC ± 2°C 3 s ± 0.5 s
Operating Temperature Class F
- 40 to 105
°C
Storage Temperature
- 40°C to 155°C
Relative Humidity
85% at 20°C
Weight
4 grams
Example:
PC537
-1C
-12
S
-N
-X
Model: PC537
Contact Form: 1A: 1 Form A (SPST-NO)
1C: 1 Form C (SPDT)
Coil Voltage: 10, 12, 24
Case Style: C: Dust Cover; S: Sealed
Contact Material: Nil: AgSnO2; N: AgNi; G: AgSnO2 + Au (Clad)
RoHS Compliant: -X
Box Quantity 2000: Inner Box 1000
CONTACT RATING 28 VDC @ 25°C
Contact
1 Form A (SPST-NO) or 1 Form C (SPDT)
Normally Open
Normally Closed
Rated Load (Resistive)
15 A/24 VDC
12.5 A/24 VDC
Max. Switching Current
Make 50 A*
Break 20 A
Max. Switching Voltage
28 VDC
Max. Continuous Current
15 A
12.5 A
Max. Switching Power
420 W
Minimum Load
0.5 A @ 12 VDC
*Peak Inrush Cold Filament, 5 ms maximum


Similar Part No. - PC537_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC537-1A-10C-G-X PICKER-PC537-1A-10C-G-X Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
PC537-1A-10C-N-X PICKER-PC537-1A-10C-N-X Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
PC537-1A-10S-G-X PICKER-PC537-1A-10S-G-X Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
PC537-1A-10S-N-X PICKER-PC537-1A-10S-N-X Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
PC537-1A-12C-G-X PICKER-PC537-1A-12C-G-X Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
More results

Similar Description - PC537_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC567 PICKER-PC567 Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC537 PICKER-PC537_15 Datasheet
516Kb / 2P
Ultraminiature 30 Amp Automotive PCB Power Relay
PC307 PICKER-PC307_17 Datasheet
1Mb / 2P
Ultraminiature 1 Amp PCB Signal Relay
PC537B PICKER-PC537B_17 Datasheet
523Kb / 2P
Ultraminiature 20 Amp Automotive PCB Power Relay
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
Ultraminiature Automotive PCB Twin Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com