Electronic Components Datasheet Search
  English  ▼

X  

PC549 Datasheet(PDF) 1 Page - Picker Components

Part # PC549
Description  Ultraminiature Automotive PCB Twin Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC549 Datasheet(HTML) 1 Page - Picker Components

  PC549_17 Datasheet HTML 1Page - Picker Components PC549_17 Datasheet HTML 2Page - Picker Components PC549_17 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC549 Rev F 8/05/2015
1 of 3
Ultraminiature Automotive PCB Twin Power Relay
PC549
CONTACT DATA
Material
AgSnO2, AgNi, AgSnO2+AU
Initial Contact Resistance
100 mΩ max @ 0.1 A, 6 VDC
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
FEATURES
 Ultra Miniature Design
 2 A (SPST NO) and 2 C (SPDT) Contacts Forms Available
 Contact Switching Capacity Up to 100 A
 Sealed, Immersion Cleanable
 -40 to105 Degrees C Operation Temperature
 RoHS Compliant
 Available as a Single See PC537
CONTACT RATING 14 VDC @ 25°C
Contact
2 Form A or 2 From C
Normally Open
Normally Closed
Rated Load (Resistive)
30 A/14 VDC
25 A/14 VDC
Max. Switching Current
Make 100 A*
Break 40 A
Max. Switching Voltage
28 VDC
Max. Continuous Current
30 A
25 A
Max. Switching Power
420 W
Minimum Load
0.5 A @ 12 VDC
CHARACTERISTICS
Operate Time
4 ms typical
Release Time
1.5 ms typical
Insulation Resistance
1000 MΩ min, at 500 VDC, 50% RH
Dielectric Strength
500 V 50 Hz between Coil and Contacts
500 V 50 Hz between Contacts
Shock Resistance
300 m/s2 6ms
Vibration Resistance
10 Hz - 500 Hz, DA 1.27 mm 60 m/s2
Terminal Strength
10N
Solderability
235 ºC ± 2°C 3 s ± 0.5 s
Power Consumption
0.55 W, 0.57 W
CHARACTERISTICS Continued
Operating Temperature Class F
- 40 to 105
°C
Storage Temperature
- 40°C to 105°C
Relative Humidity
85% at 20°C
Weight
8 grams
ORDERING INFORMATION
Example:
PC549
-2C
-12
-N
-X
Model: PC549
Contact Form: 2A or 2C
Coil Voltage: 10, 12, 24
Contact Material: Nil: AgSnO2; N: AgNi; G: AgSnO2 + Au (Clad)
RoHS Compliant: -X
Box Quantity 2000: Inner Box 1000
CONTACT RATING 28 VDC @ 25°C
Contact
2 Form A or 2 From C
Normally Open
Normally Closed
Rated Load (Resistive)
15 A/24 VDC
12.5 A/24 VDC
Max. Switching Current
Make 50 A*
Break 20 A
Max. Switching Voltage
28 VDC
Max. Continuous Current
15 A
12.5 A
Max. Switching Power
420 W
Minimum Load
0.5 A @ 12 VDC
*Pea Inrush Cold Filament


Similar Part No. - PC549_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC549 PICKER-PC549_14 Datasheet
126Kb / 2P
Ultraminiat ure Au tomotive PCB Twin Power Relay
More results

Similar Description - PC549_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC566 PICKER-PC566 Datasheet
136Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC567 PICKER-PC567 Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
Ultraminiature Automotive PCB Twin Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com