Electronic Components Datasheet Search
  English  ▼

X  

PC566 Datasheet(PDF) 1 Page - Picker Components

Part # PC566
Description  Ultraminature Automotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC566 Datasheet(HTML) 1 Page - Picker Components

  PC566_17 Datasheet HTML 1Page - Picker Components PC566_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC566 Rev C 10/26/2016
1 of 2
Ultraminature Automotive PCB Twin Power Relay
PC566
ORDERING INFORMATION
Example:
PC566
-2C
-12
H
-X
Model: PC566
Contact Form: 2C: 2 X 1C (H-Bridge)
Coil Voltage: 12
Coil Power: Nil: 0.64 W; H: Sensitive 0.80 W
Insulation System: Nil: -40° C to +85° C; F: -40° C to +105° C*
RoHS Compliant: -X
Box Quantity:1,000; 20 Per Tube
*White cover and suited for reflow soldering
CONTACT RATINGS 14 VDC
2 X Form C (H-Bridge)
Contact Form
2 X DPDT (H-Bridge)
Max Switching Current
30 A
Max Switching Power
480 Watts
Max Switching Voltage
16 VDC
Max Continuous Current
25 A
Motor Locked Rotor
25 A at 14 VDC
CHARACTERISTICS
Operate Time
10 ms Max
Release Time
5 ms Max
Insulation Resistance
100 MΩ min at 500VDC,
Dielectric Strength
500 V 50 Hz between contacts
500 V 50 Hz between coil and contacts
Shock Resistance
100 m/s2 11 ms Functional
100 m/s2 11 ms Functional
Power Consumption
640 mW, 800 mW
CONTACT DATA
Material
AgSnO2
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 106 Operations
CHARACTERISTICS Continued
Vibration Resistance
10 Hz - 500 Hz; Acceleration: 43.1 m/s2
Terminal Strength
5 N
Solderability
235° C ± 2° C 3 s ± 0.5 s
Operating Temperature
-40 to 85
°C Standard
-40 to 85
°C Standard
Operating Temperature
Relative Humidity
85% (40°C)
Weight
7.5 g
FEATURES
 Internal H-Brifge
 Uniquely Designed for DC Motor Controlled
 Ultraminiature Design very Light Weight
 Sensitive Coil (Low Pull In Voltage) Available
 Contact Switching Capacity up to 25 Amps
 Sealed, Immersion Cleanable
 UL Class F Insulation available
 RoHS Compliant


Similar Part No. - PC566_17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PC56651GC NXP-PC56651GC Datasheet
1Mb / 76P
INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
Rev 0, 6/98
logo
Picker Components
PC566 PICKER-PC566_14 Datasheet
162Kb / 2P
Ultraminiat ure Au tomotive PCB Twin Power Relay
More results

Similar Description - PC566_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC566 PICKER-PC566 Datasheet
136Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC617 PICKER-PC617 Datasheet
235Kb / 2P
Automotive Twin PCB Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC621 PICKER-PC621 Datasheet
171Kb / 2P
Subminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC558 PICKER-PC558 Datasheet
174Kb / 2P
Subminiature Automotive PCB Twin Power Relay
PC617 PICKER-PC617_14 Datasheet
315Kb / 2P
Automotive Twin PCB Power Relay
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
Ultraminiature Automotive PCB Twin Power Relay
PC617 PICKER-PC617_17 Datasheet
1Mb / 2P
Automotive Twin PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com