Electronic Components Datasheet Search
  English  ▼

X  

PC617 Datasheet(PDF) 1 Page - Picker Components

Part # PC617
Description  Automotive Twin PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC617 Datasheet(HTML) 1 Page - Picker Components

  PC617_17 Datasheet HTML 1Page - Picker Components PC617_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC617 Rev C 5/04/2016
1 of 2
Automotive Twin PCB Power Relay
PC617
ORDERING INFORMATION
Example:
PC566
-2C
-12
H
F
Model: PC566
Contact Form: 2C: 2 X 1C (H-Bridge)
Coil Voltage: 12, 12H
Coil Power: Nil: 0.64 W; H: Sensitive 0.80 W
Insulation System: Nil: Class F (155C), B: Class B (130C)
RoHS Compliant: -X
Box Quantity: 2,000; Inner Box: 1,000


Similar Part No. - PC617_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC617 PICKER-PC617_14 Datasheet
315Kb / 2P
Automotive Twin PCB Power Relay
More results

Similar Description - PC617_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC566 PICKER-PC566 Datasheet
136Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC617 PICKER-PC617 Datasheet
235Kb / 2P
Automotive Twin PCB Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC621 PICKER-PC621 Datasheet
171Kb / 2P
Subminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC558 PICKER-PC558 Datasheet
174Kb / 2P
Subminiature Automotive PCB Twin Power Relay
PC617 PICKER-PC617_14 Datasheet
315Kb / 2P
Automotive Twin PCB Power Relay
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
Ultraminiature Automotive PCB Twin Power Relay
PC566 PICKER-PC566_17 Datasheet
453Kb / 2P
Ultraminature Automotive PCB Twin Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com