Electronic Components Datasheet Search
  English  ▼

X  

RT9221 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT9221
Description  PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9221 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT9221 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9221 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9221 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9221 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9221 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9221 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9221 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9221 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RT9221
DS9222-05 May 2001
www.richtek-ic.com.tw
5
Table 1 Output Voltage Program
Test
Conditions
VID
43210
Min
Typ
Max
Units
01111
1.287
1.300
1.313
01110
1.336
1.350
1.364
01101
1.386
1.400
1.414
01100
1.435
1.450
1.465
01011
1.485
1.500
1.515
01010
1.534
1.550
1.566
01001
1.584
1.600
1.616
01000
1.633
1.650
1.667
00111
1.683
1.700
1.717
00110
1.732
1.750
1.768
00101
1.782
1.800
1.818
00100
1.831
1.850
1.869
00011
1.881
1.900
1.919
00010
1.930
1.950
1.970
00001
1.980
2.000
2.020
00000
2.029
2.050
2.071
11111
1.980
2.000
2.020
11110
2.079
2.100
2.121
11101
2.178
2.200
2.222
11100
2.277
2.300
2.323
11011
2.376
2.400
2.424
11010
2.475
2.500
2.525
11001
2.574
2.600
2.626
11000
2.673
2.700
2.727
10111
2.772
2.800
2.828
10110
2.871
2.900
2.929
10101
2.970
3.000
3.030
10100
3.069
3.100
3.131
10011
3.168
3.200
3.232
10010
3.267
3.300
3.333
10001
3.366
3.400
3.434
Output Voltage
IO = 2A in application circuit
10000
3.465
3.500
3.535
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com