Electronic Components Datasheet Search
  English  ▼

X  

PC792C Datasheet(PDF) 1 Page - Picker Components

Part # PC792C
Description  50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC792C Datasheet(HTML) 1 Page - Picker Components

  PC792C_17 Datasheet HTML 1Page - Picker Components PC792C_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC792C Rev H 8/14/2017
1 of 2
CONTACT RATINGS 28 VDC at 25oC
FEATURES
Most Popular Automotive Relay Footprint
1A, 1C and 1U Contact Forms Available
Contact Switching Capacity up to 150 Amps
50 Amps Continuous Carrying Current
Up to 1250C Operating Temperature
Internal Diodes or Resistors Available
Plain Case, Plastic Bracket, Metal Bracket or PC Pins
Compatible with Socket SC792
Lead Free and RoHS Compliant
Fully Automated Assembly
CONTACT RATINGS 14 VDC at 25oC
50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792C
CHARACTERISTICS
CONTACT DATA
Resistor Values:
6V -180 ohm
12V - 680 ohm
24V - 2,700 ohm
Diode: 1N4005
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 150 A(1)
Make 120 A(1)
Break 50 A
Break 40 A
Max Continuous Current
50 A @ 25
°C
40 A @ 25
°C
37.5 A @ 85
°C
30 A @ 85
°C
Max Continuous Current
1 Form U
2 X 30 Amps (at 20
°C)
2 X 25 Amps (at 85
°C)
Max Switching Voltage
75 VDC
Max. Switching Power
1120 W
Minimum Load
0.1A @ 12VDC
Operating Temperature
-40°C to 125
°C
Storage Temperature
-40°C to 155°C
Relative Humidity
85% at 40°C
Weight
46 grams, 48 grams w/Metal Bracket
Material
AgSnO2
Initial Contact Resistance
100 MΩ Max @ 0.1 A, 6 VDC
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
ORDERING INFORMATION
Example:
PC792C
-1C
-C1
-12
C
2.3
-D
-X
N
Model: PC792C
Contact Form: 1A (SPST-NO), 1C (SPDT) or 1U (2 X 1A, 87 &
87b Isolated)
Case Style: C: Plug-In; C1: Plastic Bracket; C2: Metal Bracket; P: PC Pins
Coil Voltage: 6, 12, 24
Enclosure: C: Dust Cover
Coil Power: Nil: 1.8 W; 2.3: 2.3 W, 2.6; 2.6 W
Parallel Component: Nil: None; D: Diode; R: Resistor
Terminal Plating: N: Nickel Plated Terminals Standard on all Plug In Models; Nil: PC Pin Version
RoHS Compliant: -X
Box Quantity: 400; Inner Box:100
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 75 A(1)
Make 60 A(1)
Break 25 A
Break 20 A
Max Continuous Current
25 A @ 25
°C
20 A @ 25
°C
18.75 A @ 85
°C
15 A @ 25
°C
Max Continuous Current
1 Form U
2 X 15 Amps (at 20
°C)
2 X 12.5 Amps (at 85
°C)
Max Switching Voltage
75 VDC
Max. Switching Power
1120 W
Minimum Load
0.1A @ 12VDC
Operate Time
7 msec Typical
Release Time
2 msec Typical
Insulation Resistance
100 MΩ Min @ 500VDC
Dielectric Strength
50 Hz 500VRMS 1 min. Between Contact and Coil
50 Hz 500VRMS 1 min. Between Contacts
Shock Resistance
147 m/s² 11 msec
Vibration Resistance
10-40 Hz Double Amplitude 1.5mm
Terminal Strength
8 N, 4N (PC Type)
Solderability
235
⁰C ± 2⁰C 3 sec ± 0.5 sec
Power Consumption
1.8 W Standard, 2.3 W & 2.6 W Optional
(1)
With current load applied for a maximum of 3 seconds at a maximum duty
cycle of 10%.
CHARACTERISTICS Continued
See SC792 for
available sockets


Similar Part No. - PC792C_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792C PICKER-PC792C_15 Datasheet
303Kb / 2P
50/40 Amp Automotive Plug-In / PCB Power Relay
More results

Similar Description - PC792C_17

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792C PICKER-PC792C_15 Datasheet
303Kb / 2P
50/40 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792A PICKER-PC792A_17 Datasheet
821Kb / 3P
40/30 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792B PICKER-PC792B Datasheet
679Kb / 2P
40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792E PICKER-PC792E Datasheet
656Kb / 3P
50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com