Electronic Components Datasheet Search
  English  ▼

X  

PT7702C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT7702C
Description  15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7702C Datasheet(HTML) 1 Page - Texas Instruments

  PT7702C Datasheet HTML 1Page - Texas Instruments PT7702C Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 USA (800) 531-5782 Fax: (630) 393-6902 http://www.ti.com/powertrends
Series
For assistance or to order, call (800) 531-5782
Standard Application
Cin = Required 330µF electrolytic (x4)
Cout = Required 330µF electrolytic (x4)
L1
= Required 1µH input choke
15 AMP HIGH-PERFORMANCE
“BIG HAMMER” PROGRAMMABLE ISR
PT7700
Ordering Information
PT7701
❏
❏ = 2 to 3.5 Volts
PT7702
❏
❏ = 1.3 to 2 Volts
Pin-Out Information
Pin
Function
1
VID0
2
VID1
3
VID2
4
VID3
5
STBY* - Stand-by
6
Vin
7
Vin
8
Vin
9
Vin
Pin
Function
10
Vin
11
Vin
12
Remote Sense Gnd
13
GND
14
GND
15
GND
16
GND
17
GND
18
GND
The PT7700 is a new series of high-
performance, 15 Amp Integrated Switching
Regulators (ISRs) housed in a 27-pin SIP
package. The 15A capability allows easy
integration of the latest high-speed, low-
voltage µPs and bus drivers into existing 5V
systems.
The PT7700 series has been designed to
work in parallel with one or more of the
PT7749 - 15A current boosters for
increased Iout in increments of 15A.
Two products are offered in the series
with different output voltage ranges that are
easily programmed with a 4 bit input
compatible with Intel’s PentiumPro
Processor. A differential remote sense is
also provided which automatically
compensates for any voltage drop from the
ISR to the load.
An input filter and 1200µF of output
capacitance are required for proper
operation.
PT7700
7 - 11
13 - 19
20 - 25
27
V
IN
GND
+
+
+
1µH
GND
V
OUT
C
OUT
+
C
IN
+
+
+
+
12
26
1
L1
SYNC OUT
LOAD
REMOTE SENSE (+)
REMOTE SENSE (-)
VID0
VID1
VID2
VID3
PROGRAMMING PINS
2
3
4
STBY*
5
Programming Information
PT7701 PT7702
VID3 VID2 VID1 VID0
Vout
Vout
1
1
1
1
2.0V
1.30V
1
1
1
0
2.1V
1.35V
1
1
0
1
2.2V
1.40V
1
1
0
0
2.3V
1.45V
1
0
1
1
2.4V
1.50V
1
0
1
0
2.5V
1.55V
1
0
0
1
2.6V
1.60V
1
0
0
0
2.7V
1.65V
0
1
1
1
2.8V
1.70V
0
1
1
0
2.9V
1.75V
0
1
0
1
3.0V
1.80V
0
1
0
0
3.1V
1.85V
0
0
1
1
3.2V
1.90V
0
0
1
0
3.3V
1.95V
0
0
0
1
3.4V
2.00V
0
0
0
0
3.5V
2.05V
Note:
Logic 0 = Pin 12 (remote sense gnd) potential
Logic 1 = Open circuit (no pull-up resistors)
Pin
Function
19
GND
20
Vout
21
Vout
22
Vout
23
Vout
24
Vout
25
Vout
26
Remote Sense Vout
27
Sync Out
Specifications
Characteristics
PT7700 SERIES
(T
A = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
4.5V
≤ Vin ≤ 5.5V
0.1 (1)
—15 (2)
ADC
Input Voltage Range
Vin
0.1A
≤ Io ≤ 15A
4.5 (3)
—
5.5
VDC
Static Voltage Tolerance
Vo
Vin = +5V, Io = 15A
Vo- 0.05
—
Vo+0.05
VDC
0°C
≤ Ta ≤ +55°C
Line Regulation
Regline
4.5V
≤ Vin ≤ 5.5V, Io = 15A
—
±10
—
mV
Load Regulation
Regload
Vin = +5V, 0.1
≤ Io ≤ 15A
—
±10
—
mV
Vo Ripple/Noise pk-pk
Vn
Vin = +5V, Io = 15A
—
50
—
mV
Transient Response
ttr
Io step between 7.5A and 15A
—
100
—
µSec
with Cout = 1200µF
Vos
Vo over/undershoot
—
200
—
mV
Efficiency
η
Vin = +5V, Io = 10A
Vo = 3.3V
—
89
—
%
Vo = 2.9V
—
87
—
%
Vo = 2.5V
—
85
—
%
Vo = 1.8V
—
79
—
%
Vo = 1.5V
—
77
—
%
Switching Frequency
ƒo
4.5V
≤ Vin ≤ 5.5V
650
700
750
kHz
0.1A
≤ Io ≤ 15A
Operating Temperature
Ta
Forced Air Flow = 200 LFM
0
—
+55
°C
Over Vin and Io Ranges
Storage Temperature
Ts
—
-40
—
+125
°C
Weight
—
—
—
TBD
—
grams
Relative Humidity
—
Non-condensing
0
—
95
%
(1) ISR will operate down to no load with reduced specifications Please note that this product is not short-circuit protected.
(2) The PT7700 series can be easily paralleled with one or more of the PT7749 slave modules to provide increased output current in increments of 15A.
Please contact Power Trends for the appropriate application note.
(3) The minimum input voltage is 4.5V or Vout+1.2V, whichever is greater.
Output Capacitors: The PT7700 series requires A minimum output capacitance of 1200µF for proper operation. To reduce ESR, Power Trends recommends using four 330µF
electrolytic capacitors in parallel.
Input Filter: An input filter is required for all applications. The input inductor must be sized to handle 15ADC with a typical value of 1µH. The input capacitance must be rated
for 14Arms of ripple current. Power Trends recommends using four Sanyo OSCON style capacitors with a 3.5Arms ripple current rating in parallel (p/n 6SA330M).
• Single-Device: +5V input
• 4-bit Programmable:
2V to 3.5V@15A or
1.3V to 2V @ 15A output
• High Efficiency
• Input Voltage Range:
4.5V to 5.5V
• Differential Remote Sense
• 27-pin SIP Package:
V = 1.0”(H) x 3”(L) x 0.55”(W)
H = 0.55”(H) x 3”(L) x 1.5”(W)
• Parallelable with PT7749
15A “Current Boosters”
Features
N = Vertical through-hole
A = Horizontal through-hole
C = Horizontal surface-mount
For STBY* pin; open = output enabled; ground = output disabled.
SLTS077
Revised 5/31/00


Similar Part No. - PT7702C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7705 TI-PT7705 Datasheet
200Kb / 4P
18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7706 TI-PT7706 Datasheet
180Kb / 3P
18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7707 TI-PT7707 Datasheet
199Kb / 4P
18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7707 TI1-PT7707 Datasheet
226Kb / 5P
INTEGRATED SWITCHING REGULATOR
PT7707C TI1-PT7707C Datasheet
226Kb / 5P
INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT7702C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6305 TI-PT6305 Datasheet
319Kb / 3P
3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
PT7720 TI-PT7720 Datasheet
200Kb / 4P
17 AMP 12V INPUT ?쏝IG-HAMMER II??PROGRAMMABLE ISR
PT7750 TI-PT7750 Datasheet
196Kb / 3P
15 AMP 24V INPUT ?쏝IG-HAMMER III??PROGRAMMABLE ISR
PT7770 TI-PT7770 Datasheet
180Kb / 3P
32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7772 TI-PT7772 Datasheet
180Kb / 3P
32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7777 TI-PT7777 Datasheet
180Kb / 3P
32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
PT7709 TI-PT7709 Datasheet
131Kb / 4P
20 Amp Programmable Next Generation Big Hammer
logo
List of Unclassifed Man...
PT6200 ETC1-PT6200 Datasheet
68Kb / 3P
2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
60 Amp High-Performance Programmable ISR
PT7773 TI1-PT7773 Datasheet
452Kb / 3P
32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com