Electronic Components Datasheet Search
  English  ▼

X  

EC736007 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC736007
Description  -50V, -130mA P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC736007 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC736007 Datasheet HTML 1Page - E-CMOS Corporation EC736007 Datasheet HTML 2Page - E-CMOS Corporation EC736007 Datasheet HTML 3Page - E-CMOS Corporation EC736007 Datasheet HTML 4Page - E-CMOS Corporation EC736007 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EC736007
-50V、
、
、
、-130mA P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 5
5D16-Rev.F001
VDSS
-50V
RDS(on)
2.1ohm(typ.)
ID
-130mA
Description
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance. These features
combine to make this design an extremely efficient and reliable device for use in line current interrupter in telephone sets
and a wide variety of other applications
Features and Benefits:
Advanced MOSFET process technology
Special designed for Line current interrupter in
telephone sets, Relay, high speed and line
transformer drivers and general purpose
applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
Main Product Characteristics
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
Junction-to-ambient(t≤10s)
④
—
556
℃/W
RθJA
Junction-to-Ambient (PCBmounted, steady-state)
④
—
540
℃/W
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, V GS @ -10V
①
-130
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
①
-100
IDM
Pulsed Drain Current
②
-520
mA
PD @TC = 25°C
Power Dissipation
③
230
mW
VDS
Drain-Source Voltage
-50
V
VGS
Gate-to-Source Voltage
± 20
V
ESD
ESD Rating (HBM module)
1
KV
TJ TSTG
Operating Junction and Storage Temperature
Range
-55 to + 150
°C
SOT-23
6007
Marking and assigment
Schematic diagram


Similar Part No. - EC736007

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC736014 E-CMOS-EC736014 Datasheet
487Kb / 6P
60V 60A N-Channel
EC736014AT E-CMOS-EC736014AT Datasheet
487Kb / 6P
60V 60A N-Channel
EC736014D E-CMOS-EC736014D Datasheet
368Kb / 7P
60V ,60A N-Channel
EC736014DA4R E-CMOS-EC736014DA4R Datasheet
368Kb / 7P
60V ,60A N-Channel
EC736014J7 E-CMOS-EC736014J7 Datasheet
170Kb / 4P
60V ,40A N-Channel
More results

Similar Description - EC736007

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS840 SECOS-SMS840 Datasheet
1Mb / 4P
0.13A , 50V , RDS(ON) 10 P-Channel Enhancement MOSFET
logo
Formosa MS
FMBSS84 FORMOSA-FMBSS84 Datasheet
101Kb / 8P
50V P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTP3J15N3 CYSTEKEC-MTP3J15N3 Datasheet
309Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
MTP3J15Y3 CYSTEKEC-MTP3J15Y3 Datasheet
342Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84KS3 CYSTEKEC-BSS84KS3 Datasheet
312Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
BSS84N3 CYSTEKEC-BSS84N3 Datasheet
308Kb / 8P
50V P-CHANNEL Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSF6007 GOOD-ARK-SSF6007_15 Datasheet
375Kb / 5P
50V P-Channel MOSFET
SSF6007 GOOD-ARK-SSF6007 Datasheet
375Kb / 5P
50V P-Channel MOSFET
logo
AiT Semiconductor Inc.
BSS84D AITSEMI-BSS84D Datasheet
785Kb / 6P
POWER MOSFET P-CHANNEL 130mA, 50V
REV1.0
BSS84L AITSEMI-BSS84L Datasheet
682Kb / 6P
POWER MOSFET P-CHANNEL 130mA, 50V
REV1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com