Electronic Components Datasheet Search
  English  ▼

X  

CU20L60CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CU20L60CT
Description  20A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CU20L60CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CU20L60CT Datasheet HTML 1Page - Chip Integration Technology Corporation CU20L60CT Datasheet HTML 2Page - Chip Integration Technology Corporation CU20L60CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Document ID : DS-11K009
Revised Date : 2016/07/28
Revision : C
Main Product Characteristics
I
F ( AV )
2 X 10A
V
R R M
T
J
V
F ( Ty p )
60V
150
OC
0.55V
20A Trench Schottky Rectifier
CU20L60CT
Chip Integration Technology Corporation
Forward Voltage Drop (per diode)
Reverse Current (per diode)
Parameter
I
O
I
F S M
I
R R M
T
S T G
Forward Rectified Current (total device)
Forward Surge Current (per diode)
Thermal Resistance (per diode)
Storage Temperature
Parameter
8.3ms single half sine-wave
superimposed on rate load (JEDEC method)
Condition
Symbol
CU20L60CT
UNIT
-55 ~ +150
20
140
A
A
O C/W
O C
3
R
θ J C
Junction to case
Peak Repetitive Reverse Surge Current
A
2
Maximum DC Blocking Voltage
V
DC
60
V
V
F
I
R
V
= V
, T = 25
OC
R
RWM
J
V
= V
, T = 125
OC
R
RWM
J
Condition
Symbol
TYP.
UNIT
20
0.05
mV
mA
MIN.
MAX.
I = 10A, T = 25
OC
F
J
I = 10A, T = 125
OC
F
J
640
(per diode)
550
Junction to ambient
R
θ J A
65
T
J
O C
Operating Junction Temperature
I = 3A, T = 25
OC
440
580
■ Electrical Characteristics
Rating at 25
OC ambient temperature unless otherwise specified.
Pulse width 2us, 1000Hz, square wave
at TA 25oC,10 cycles
Reverse Breakdown Voltage (per diode)
F
J
IR = 0.1mA, TJ = 25
OC
V
BR
V
60
0.004
-55 ~ +150
■Outline
TO-251
Dimensions in inches and (millimeters)
■ Maximum Ratings
Rating at 25
OC ambient temperature unless otherwise specified.
■ Circuit Diagram
A
B
C
TO-251(IPAK)
Unit:mm
DIM MIN MAX
A
6.85 7.25
B
5.90 6.30
C
5.13 5.53
D
6.40 6.80
E
3.95 4.35
F
2.19 2.39
G
0.45 0.85
H
2.20 2.40
I
0.41 0.61
J
0.71 1.31
K
0.41 0.61
M
2.96 3.16
D
G
I
H
J
E
F
F
K
1
2
3
M
4
■ Features
■ Mechanical Data
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
• Epoxy : UL94-V0 rated fl ame retardant.
.
• Case : JEDEC TO-251 Molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
.
ed.
• Polarity: As mark
.
• Weight : Approximated 0.335 gram


Similar Part No. - CU20L60CT

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
Single Outputs from 3.3 V to 24 V
CU20-00 XPPOWER-CU20-00 Datasheet
197Kb / 2P
AC-DC Power Supplies
CU20-00 XPPOWER-CU20-00 Datasheet
410Kb / 2P
Single Outputs from 3.3 V to 24 V
CU20-09 XPPOWER-CU20-09 Datasheet
197Kb / 2P
AC-DC Power Supplies
CU20-09 XPPOWER-CU20-09 Datasheet
410Kb / 2P
Single Outputs from 3.3 V to 24 V
More results

Similar Description - CU20L60CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF20L100CT CITC-CF20L100CT Datasheet
477Kb / 3P
20A Trench Schottky Rectifier
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
20A Trench Schottky Rectifier
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
20A Trench Schottky Rectifier
CF20S100CT CITC-CF20S100CT Datasheet
507Kb / 3P
20A Trench Schottky Rectifier
CF20100CT CITC-CF20100CT Datasheet
469Kb / 3P
20A Trench Schottky Rectifier
CTP20L60SG CITC-CTP20L60SG Datasheet
521Kb / 4P
20A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com