Electronic Components Datasheet Search
  English  ▼

X  

DBF251 Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # DBF251
Description  20A Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DBF251 Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  DBF251 Datasheet HTML 1Page - Chip Integration Technology Corporation DBF251 Datasheet HTML 2Page - Chip Integration Technology Corporation DBF251 Datasheet HTML 3Page - Chip Integration Technology Corporation DBF251 Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
■ DBF foot print
Dimensions in inches and (millimeters)
■ Ordering/Packing information
Part number
Case
DBF251
Q'TY/Reel (PCS) Q'TY/Box (PCS)
Q'TY/Carton (PCS)
DBF
3,000
6,000
48,000
Notes: 1. For packaging details please reference our website at http://www.citcorp.com.tw/tchinese/products/index.php
Notes:
DBF251G
Halogen
Halogen free
■ Marking Information
Marking Code
Part number
DBF251
Halogen
DBF251
Halogen free
Document ID : DS-22B49
Revised Date : 2016/09/13
Revision : C
-
+
DBF251 THRU DBF2510
2.5A Bridge Rectifiers
Chip Integration Technology Corporation
DBF252
DBF252
DBF254
DBF254
DBF256
DBF256
DBF258
DBF258
DBF2510
DBF2510
DBF251G
DBF251H
DBF252G
DBF252H
DBF254G
DBF254H
DBF256G
DBF256H
DBF258G
DBF258H
DBF2510G
DBF2510H
.039 (1.0)
.055 (1.4)
.039 (1.0)
.055 (1.4)
Marking Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com