Electronic Components Datasheet Search
  English  ▼

X  

SL161 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SL161
Description  WIDEBAND LOG IF STRIP AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL161 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SL161 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL161 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL161 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL161 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL161 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL161 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL161 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL161 Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SL1615
WIDEBAND LOG IF STRIP AMPLIFIER
The SL1615 is a bipolar monolithic integrated circuit
wideband amplifier intended for use in successive detection
logarithmic IF strips, operating at centre frequencies between
10MHz and 60MHz. The device provides amplification,
limiting and rectification, is suitable for direct coupling and
incorporates supply line decoupling. The mid-band voltage
gain of the SL1615 is typically 12dB.
FEATURES
s
Well Defined Gain
s
4.5dB Noise Figure
s
High I/P impedance
s
Low O/P impedance
s
150MHz Bandwidth
s
On-Chip Supply Decoupling
s
Low External Component Count
APPLICATIONS
s
Logarithmic IF Strips with Gains up to 108dB and
Linearity Better than 2dB
s
Low Cost Radar
s
Radio Telephone Filed Strength Meters
Fig.1 Pin connections - top view
ABSOLUTE MAXIMUM RATINGS
Storage temperature range
-55
°C to +150°C
Operating temperature range
-30
°C to +85°C
Thermal resistance
Chip-to-ambient
163
°C/W
Chip-to-case
57
°C/W
Maximum instantaneous voltage
at video output
+12V
Supply voltage
9V
ORDERING INFORMATION
SL1615 NA MP
MP8
Fig.2 Circuit diagram
DS3613 - 1.0
ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com