Electronic Components Datasheet Search
  English  ▼

X  

GP30Y Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # GP30Y
Description  3A Leaded Type General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GP30Y Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  GP30Y Datasheet HTML 1Page - Chip Integration Technology Corporation GP30Y Datasheet HTML 2Page - Chip Integration Technology Corporation GP30Y Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Limiting Value (Absolute Maximum Rating)
I = 3A
o
•
VRRM = 1600V
•
Axial lead type devices for through hole design.
•
High current capability.
•
High surge capability.
•
Glass passivated chip junction inside.
•
Suffix "G" indicates Halogen-free part, ex.GP30YG.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
GP30Y
3A Leaded Type General Purpose Rectifiers
V
R R M
T
S T G
Repetitive peak reverse voltage
Storage temperature
Parameter
Conditions
Symbol
Value
UNIT
V
Document ID : DS-22G23
Revised Date : 2016/09
Revision : C1
■ ِ Application
• Rectifier
O
■ Electrical characteristics (Ta= 25 C unless otherwise specified.)
1600
Average forward current
0
60Hz half-sine wave, resistance load, T =75 C
a
I
F ( AV )
3
A
Surge (non- repetitive) forward current
0
60Hz half-sine wave, 1 cycle, T =25 C
a
I
F S M
150
Junction temperature
T
J
-55 ~ + 150
O C
-55 ~ + 150
V
F M
C
J
Peak forward voltage
Typical junction capacitance
Parameter
Conditions
Symbol
Max. Value
UNIT
V
1.1
Peak reverse current
I
R R M 1
2.5
μA
50
Thermal resistance (Typical)
R
θ J - A
30
O C/W
60
I =3A
F M
o
V
= V
, T =25 C
R M
R R M
a
I
R R M 2
o
V
= V
, T =125 C
R M
R R M
a
Between junction and ambient
Measured at 1MHz and applied reverse voltage
of 4.0 V.D.C.
pF
Chip Integration Technology Corporation
■ Mechanical data
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-201AD / DO-27
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 1.10 gram
Dimensions in inches and (millimeters)
■ Outline
DO-27(DO-201AD)
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.375 (9.6)
.285 (7.2)
.052 (1.3)
.048 (1.2)
DIA.
.220 (5.6)
.197 (4.8)
DIA.


Similar Part No. - GP30Y

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GP30Y GULFSEMI-GP30Y Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1100V to 1600V CURRENT: 3.0A
logo
VoltarisTech Inc
GP30Y VOLTARISTECH-GP30Y Datasheet
311Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
Rev.A1
More results

Similar Description - GP30Y

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3F60 SHINDENGEN-D3F60 Datasheet
270Kb / 5P
General Purpose Rectifiers(600V 3A)
logo
Formosa MS
1N5400 FORMOSA-1N5400 Datasheet
142Kb / 6P
Axial Leaded General Purpose Rectifiers
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
Axial Leaded General Purpose Rectifiers
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
Axial Leaded General Purpose Rectifiers
logo
Chip Integration Techno...
GR1005 CITC-GR1005 Datasheet
89Kb / 3P
1A Leaded Type General Purpose Rectifiers
GR1505 CITC-GR1505 Datasheet
145Kb / 3P
1.5A Leaded Type General Purpose Rectifiers
GR2005 CITC-GR2005 Datasheet
145Kb / 3P
2A Leaded Type General Purpose Rectifiers
GR3005 CITC-GR3005 Datasheet
89Kb / 3P
3A Leaded Type General Purpose Rectifiers
SR32 CITC-SR32 Datasheet
150Kb / 3P
3A Leaded Type Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com