Electronic Components Datasheet Search
  English  ▼

X  

ALN1733 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1733
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1733 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1733 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1733 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1733 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1733 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
August 2017
plerowTM ALN1733
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
1710 MHz
1732.5 MHz
1755 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
28.00
-21.20
-22.38
27.92
0.19
-21.65
-22.50
27.81
-22.45
-22.22
4.75 V
28.07
-21.59
-21.98
27.99
0.19
-22.03
-22.27
27.88
-23.08
-22.19
5.00 V
28.08
-21.74
-21.55
28.01
0.18
-22.40
-22.03
27.90
-23.64
-22.10
5.25 V
28.16
-21.81
-21.11
28.07
0.20
-22.64
-21.72
27.96
-24.08
-21.90
5.50 V
28.17
-21.99
-20.90
28.08
0.20
-22.96
-21.50
27.97
-24.35
-21.77
1710 MHz
1732.5 MHz
1755 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
36.98
20.29
0.538
37.02
20.31
0.528
36.59
20.34
0.527
4.75 V
37.81
20.83
0.539
37.84
20.81
0.529
37.20
20.79
0.527
5.00 V
38.47
21.28
0.548
38.44
21.27
0.535
38.13
21.28
0.537
5.25 V
39.10
21.69
0.578
39.11
21.69
0.574
38.64
21.70
0.559
5.50 V
39.95
22.11
0.599
39.77
22.08
0.589
39.43
22.37
0.581
1710 MHz
1732.5 MHz
1755 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
28.95
-18.25
-17.44
28.84
0.18
-19.77
-18.97
28.77
-20.92
-19.21
-10
C
28.86
-19.50
-19.76
28.74
0.19
-20.90
-21.39
28.67
-22.06
-20.87
25
C
28.51
-20.85
-21.80
28.40
0.20
-21.92
-23.18
28.31
-23.04
-22.25
60
C
28.39
-21.55
-22.95
28.27
0.20
-22.61
-24.19
28.19
-23.41
-22.48
85
C
28.08
-22.12
-24.24
27.95
0.20
-23.01
-23.01
27.88
-23.67
-22.88
1710 MHz
1732.5 MHz
1755 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
39.30
21.32
0.276
39.50
21.30
0.286
39.70
22.01
0.322
-10
C
39.25
21.27
0.399
38.85
21.28
0.419
39.25
21.92
0.432
25
C
38.50
21.33
0.545
38.70
21.26
0.525
38.75
21.86
0.542
60
C
38.80
21.25
0.754
38.20
21.12
0.771
38.55
21.75
0.788
85
C
38.30
21.19
0.918
38.45
21.05
0.920
38.30
21.50
1.045
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com