Electronic Components Datasheet Search
  English  ▼

X  

ATS-51190K-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-51190K-C1-R0
Description  Designed for low profile components from 1.5 to 2.99mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-51190K-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-51190K-C1-R0_17 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev - 040517
BGA Heat Sink - High Performance
maxiFLOW/maxiGRIP-Low Profile
*Image above is for illustration purpose only.
ATS Part#:
ATS-51190K-C1-R0
Description:
19.00 x 19.00 x 14.50 mm BGA Heat Sink - High
Performance maxiFLOW/maxiGRIP-Low Profile
Heat Sink Type:
maxiFLOW
Heat Sink Attachment:
maxiGRIP
Equivalent Part Number:
ATS-51190K-C2-R0 Discontinued
Features & Benefits
maxiFLOW™ design features a low profile, spread fin array that maximizes surface area for more effective convection (air) cooling
maxiGRIP™ attachment applies steady, even pressure to the component and does not require holes in the PCB
Meets Telcordia GR-63-Core Office Vibration; ETSI 300 019 Transportation Vibration; and MIL-STD-810 Shock and Unpackaged Drop
Testing standards
Comes preassembled with high performance, phase changing, thermal interface material
Designed for low profile components from 1.5 to 2.99mm
Thermal Performance
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
10.1 °C/W
8.3 °C/W
7.2 °C/W
6.4 °C/W
5.9 °C/W
5.5 °C/W
5.1 °C/W
Ducted Flow
7.9
N/A
N/A
N/A
N/A
N/A
N/A
Product Detail
Schematic Image
Dimension A
Dimension B
Dimension C
Dimension D
TIM
Finish
*Image above is for illustration purpose only.
19.00 mm
19.00 mm
14.50 mm
34.8 mm
T766
BLACK- ANODIZED
Notes:
Dimension A and B refer to component size.
Dimension C is the heat sink height from the bottom of the base to the top of the fin field.
ATS-51190K-C2-R0 is the exact heat sink assembly with an equivalent thermal interface material
(Saint Gobain C1100F). NOTE: Saint Gobain C1100F is discontinued effective 12/31/10.
Thermal performance data are provided for reference only. Actual performance may vary by
application.
ATS reserves the right to update or change its products without notice to improve the design or
performance.
ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant.
Optional maxiGRIP™ Installation/Removal Tool Set P/N: MGT170
Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, please contact us at
781-769-2800 (North America), sales@qats.com or www.qats.com.
© 2013 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA


Similar Part No. - ATS-51190K-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-51190K-C1-R0 ATS-ATS-51190K-C1-R0 Datasheet
994Kb / 1P
maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
More results

Similar Description - ATS-51190K-C1-R0_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-51190D-C1-R0 ATS-ATS-51190D-C1-R0_17 Datasheet
314Kb / 1P
Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
ATS-51330D-C1-R0 ATS-ATS-51330D-C1-R0_17 Datasheet
315Kb / 1P
Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
ATS-51330K-C1-R0 ATS-ATS-51330K-C1-R0_17 Datasheet
315Kb / 1P
Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
ATS-51400K-C1-R0 ATS-ATS-51400K-C1-R0_17 Datasheet
315Kb / 1P
Designed for low profile components from 1.5 to 2.99mm
Rev - 040517
logo
Littelfuse
1.5SMCXXAT3G LITTELFUSE-1.5SMCXXAT3G Datasheet
767Kb / 5P
The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
1SMA5.0AT3G LITTELFUSE-1SMA5.0AT3G Datasheet
723Kb / 5P
The 1SMA5.0AT3G series is designed to protect voltage sensitive components from high voltage
1SMA10CAT3G LITTELFUSE-1SMA10CAT3G Datasheet
733Kb / 5P
The 1SMA10CAT3G series is designed to protect voltage sensitive components from high voltage
1SMB10CAT3G LITTELFUSE-1SMB10CAT3G Datasheet
730Kb / 6P
The 1SMB10CAT3Gv series is designed to protect voltage sensitive components from high voltage
SMF5.0AT1G LITTELFUSE-SMF5.0AT1G Datasheet
849Kb / 5P
The SMF5.0AT1G Series is designed to protect voltage sensitive components from high voltage
logo
Guangdong Youtai Semico...
ESD5B5.0ST1G UMW-ESD5B5.0ST1G Datasheet
304Kb / 3P
The ESD5B5.0ST1G Series is designed to protect voltage sensitive components from ESD.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com