Electronic Components Datasheet Search
  English  ▼

X  

PC822 Datasheet(PDF) 1 Page - Picker Components

Part # PC822
Description  45 Amp Miniature Automotive PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC822 Datasheet(HTML) 1 Page - Picker Components

  PC822_17 Datasheet HTML 1Page - Picker Components PC822_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC822 Rev F 8/14/2017
1 of 2
45 Amp Miniature Automotive PCB Power Relay
PC822
ORDERING INFORMATION
Example:
PC822
-1C
-12
S
-A
L
C
-X
Model: PC822
Contact Form: 1A (SPST-NO), 1B (SPST-NC), or 1C ( SPDT )
Coil Voltage: 6, 9, 12, 18, 24
Enclosure: Nil: Open Frame; S: Sealed; C: Dust Cover
Footprint: A: US (Narrow); A1: US with pin 4 removed; E: European (Wide)
Coil Sensitivity: Nil: Standard Pull In; L: Low Pull In
Contact Material: Nil: AgSnO2; C: AgCdO
RoHS Compliant: -X
Box Quantity: 800; Inner Box: 200
FEATURES
Miniature design
1A, 1B and 1C contact forms available
Contact switching capacity up to 100 Amps
45 Amps continuous carrying capacity
Up to 125°C operating temperature
Both US and European footprints available
Open frame, Sealed or Dust cover available
Lead Free & RoHS Compliant
Fully Automated Assembly


Similar Part No. - PC822_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC8221A-12A PICKER-PC8221A-12A Datasheet
215Kb / 2P
Miniature Automotive PCB Power Relay
PC8221A-12A15 PICKER-PC8221A-12A15 Datasheet
215Kb / 2P
Miniature Automotive PCB Power Relay
PC8221A-12AT PICKER-PC8221A-12AT Datasheet
215Kb / 2P
Miniature Automotive PCB Power Relay
PC8221A-12CA PICKER-PC8221A-12CA Datasheet
215Kb / 2P
Miniature Automotive PCB Power Relay
PC8221A-12CA15 PICKER-PC8221A-12CA15 Datasheet
215Kb / 2P
Miniature Automotive PCB Power Relay
More results

Similar Description - PC822_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC822 PICKER-PC822 Datasheet
215Kb / 2P
Miniature Automotive PCB Power Relay
logo
List of Unclassifed Man...
HG4119 ETC1-HG4119 Datasheet
169Kb / 2P
Automotive Miniature PCB Power Relay
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
Automotive Miniature PCB Power Relay
HG4504 DBLECTRO-HG4504 Datasheet
50Kb / 2P
Automotive Miniature PCB Power Relay
logo
American Zettler, Inc.
AZ9701 AZETTLER-AZ9701 Datasheet
128Kb / 2P
45 AMP AUTOMOTIVE RELAY
AZ9701E AZETTLER-AZ9701E Datasheet
124Kb / 2P
45 AMP AUTOMOTIVE RELAY
logo
Picker Components
PC822A PICKER-PC822A Datasheet
179Kb / 2P
Miniature Automotive PCB Power Relay
PC354 PICKER-PC354_15 Datasheet
480Kb / 2P
25 Amp Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG29 WILLOW-DG29 Datasheet
248Kb / 2P
miniature automotive pcb power relay
DG31A WILLOW-DG31A Datasheet
310Kb / 2P
miniature automotive pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com