Electronic Components Datasheet Search
  English  ▼

X  

PC7150 Datasheet(PDF) 1 Page - Picker Components

Part # PC7150
Description  150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC7150 Datasheet(HTML) 1 Page - Picker Components

  PC7150_17 Datasheet HTML 1Page - Picker Components PC7150_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice. 
PC7150 Rev K 1/21/2017
1 of 2
FEATURES
 Popular Maxi ISO Automotive Relay Footprint
 1A and 1C Contact Forms Available
 Contact Switching Capacity up to 450 Amps

150 Amps Continuous Carrying Current
 Up to 1250C Operating Temperature
 Internal Diodes or Resistors Available
 Plain Case, Metal Mounting Bracket and PC Pins
 Sockets Available
 Lead Free and RoHS Compliant
CONTACT RATINGS 14 VDC at 25oC
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150
CONTACT RATINGS 28 VDC at 25oC
CHARACTERISTICS
CONTACT DATA
Resistor Values:
6V -180 ohm
12V - 680 ohm
24V - 2,700 ohm
Diode: 1N4005
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 450 A(1)
Make 300 A(1)
Break 150 A
Break 100 A
150 A @ 25°C
100 A @ 25°C
112.5 A @ 85°C
75 A @ 85°C
Max Switching Voltage
75 VDC
Minimum Load
0.5A @ 12 VDC
Max Continuous Current
Max. Switching Power
1800 W
Operating Temperature
-40°C to 125
°C
Storage Temperature
-40°C to 155°C
Relative Humidity
85% at 40°C
Weight
60 grams
CHARACTERISTICS Continued
Material
AgSnO2
Initial Contact Resistance
100 MΩ Max @ 0.1 A, 6 VDC
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
ORDERING INFORMATION
Example:
PC7150
-1C
-C2
-12
C
-R
N
-X
Model: PC7150
Contact Form: 1A, 1C
Case Style: C: Plug-In; C2: Metal Bracket; P: PC Pins
Coil Voltage: 12, 24, 48
Enclosure: C: Dust Cover
Parallel Component: Nil: None; D: Diode; R: Resistor
RoHS Compliant: -X
Box Quantity: 200; Inner Box:100
Trminal Plating: N: Nickel Plated Terminals Standard on all Plug In Models; Nil: PC PIN Version
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 225 A(1)
Make 150 A(1)
Break 75 A
Break 50 A
75 A @ 25°C
50 A @ 25°C
56.25 A @ 85° C
37.5 A @ 85°C
Max Switching Voltage
75 VDC
Minimum Load
0.5A @ 24 VDC
Max Continuous Current
Max. Switching Power
1800 W
Operate Time
7 msec Typical
Release Time
2 msec Typical
Insulation Resistance
100 MΩ Min @ 500VDC
Dielectric Strength
50 Hz 1000 V Between Contact and Coil
50 Hz 750 V Between Contacts
Shock Resistance
147 m/s² 11 msec
Vibration Resistance
10-40 Hz Double Amplitude 1.5mm
Terminal Strength
30 N
Solderability
235⁰C ± 2⁰C 3 sec ± 0.5 sec
Power Consumption
2.9 W
(1)
With current load applied for a maximum of 3 seconds at a maximum duty
cycle of 10%.


Similar Part No. - PC7150_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC7150-1A-C2C-RN-X PICKER-PC7150-1A-C2C-RN-X Datasheet
661Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150-1A-CC-RN-X PICKER-PC7150-1A-CC-RN-X Datasheet
661Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150-1A-PC-RN-X PICKER-PC7150-1A-PC-RN-X Datasheet
661Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150-1C-C2C-RN-X PICKER-PC7150-1C-C2C-RN-X Datasheet
661Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150-1C-CC-RN-X PICKER-PC7150-1C-CC-RN-X Datasheet
661Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results

Similar Description - PC7150_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC7150 PICKER-PC7150 Datasheet
281Kb / 2P
150/100 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_16 Datasheet
629Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796 Datasheet
647Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_15 Datasheet
661Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
logo
TE Connectivity Ltd
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
Automotive Relays Plug-in Maxi ISO Relays
logo
Picker Components
PC783 PICKER-PC783 Datasheet
711Kb / 2P
35 Amp Micro ISO Automotive Plug In / PCB Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796_17 Datasheet
631Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com