Electronic Components Datasheet Search
  English  ▼

X  

PCS27-AC Datasheet(PDF) 1 Page - Picker Components

Part # PCS27-AC
Description  AC Output Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS27-AC Datasheet(HTML) 1 Page - Picker Components

  PCS27-AC Datasheet HTML 1Page - Picker Components PCS27-AC Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS27 AC Output Rev A 8/4/15
1 of 2
AC Output Solid State Relay
PCS27 AC Output
OUTPUT PARAMETERS (Ta = 25°C)
Amperage, Voltage
2,240
2, 380
2,240
3,380
Load Voltage Range
48-280
VAC
48-440
VAC
48-280
VAC
48-440
VAC
Max. Transient Voltage
600 Vpk 800 Vpk 600 Vpk 800 Vpk
Load Current Range
0.1 - 2 A
0.1 - 3 A
Max. Surge Current (10 ms)
60 Apk
80 Apk
Max. I2t (10 ms, A2s)
18
Max. On-State Voltage Drop
1.5 VRMS
Max. Off-State Leakage Current
5 mA
Min. Off-State dv/dt
200 V/us
Max. Turn-On Time
Zero Cross: 1/2 Cycles + 1 ms;
Random: 1 ms
Max. Turn-Off Time
1/2 Cycles + 1 ms
Frequency Range
47 - 63 Hz
Min. Power Factor
0.5
32
FEATURES
 2 A or 3 A Output
 DC Input: 5 VDC; 12 VAC; 24 VAC
 PCB Mount
 Built in Snubber
 Photoelectric Isolation
 RoHS Compliant
E93397
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
4 - 6 VDC
9.6 - 14.4 VDC
19.2 - 28.8 VDC
Must Turn-On Voltage
4 VAC
9.6 VAC
19.2 VAC
Max. Input Current
25 mA
Input Resistance
250 Ω
720 Ω
1.64 kΩ
Must Turn-Off Voltage
1 VDC
5
12
24
5
12
24
5
12
24
ORDERING INFORMATION
CHARACTERISTICS
Dielectric Strength  
4,000 VAC, 50 Hz/60 Hz, 1 min. (Input to Output)
Insulation Resistance 
1,000 MΩ at 500 VDC (Input to Output)
Max. Capacitance
8 pF (Input to Output)
Acceleration 980 m/s2, Continuous Surge 6 ms
10 Hz - 55 Hz 1.5 mmm DA
Shock Resistance
Vibration Resistance 
Operating Temperture
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Relative Humidity
45% - 85%
Weight
Approximately 70 g
Example: 
PCS27 ‐12D ‐240A ‐2 
Z 
Model:  PCS27 AC Output
  
  
  
  
  
Control Voltage:  5D: 4‐6 VDC  
  
  
  
  
                    12D: 9.6 ‐ 14.4 VDC,  
  
  
  
                    24D: 19.2 ‐ 28.8 VDC 
  
  
  
Load  Voltage:  240A: 240VAC, 380A: 380 VAC 
  
  
  
Load Current: 2: 2 Amp, 3: 3 Amp   
  
  
  
Switching Type:  Z: Zero Crossing, R:  Random Turn‐On   
  
Box Quantity: 540; Inner Box 27


Similar Part No. - PCS27-AC

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS27-DC PICKER-PCS27-DC Datasheet
241Kb / 2P
DC Output Solid State Relay
More results

Similar Description - PCS27-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
logo
Picker Components
PCS27 PICKER-PCS27 Datasheet
309Kb / 2P
AC Output Solid State Relay
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
logo
Picker Components
PCS32-AC PICKER-PCS32-AC Datasheet
1Mb / 3P
AC Output Solid State Relay
PCS41 PICKER-PCS41 Datasheet
1Mb / 3P
AC Output Solid State Relay/Output Module
PCS55 PICKER-PCS55 Datasheet
615Kb / 3P
AC Output Solid State Relay/Output Module
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
AC Solid-State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com