Electronic Components Datasheet Search
  English  ▼

X  

PCS28 Datasheet(PDF) 1 Page - Picker Components

Part # PCS28
Description  Dual Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS28 Datasheet(HTML) 1 Page - Picker Components

  PCS28_17 Datasheet HTML 1Page - Picker Components PCS28_17 Datasheet HTML 2Page - Picker Components PCS28_17 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS28 Rev G 10/09/2017
1 of 3
Dual Solid State Relay
PCS28
OUTPUT PARAMETERS (Ta = 25°C)
-24, 25 -38, 25 -24, 40 -38, 40 -24, 50 -38, 50
Load Voltage Range
(VAC)
48-280 48-440 48-280 48-440 48-280 48-440
Max. Transient Voltage
(Vpk)
600
800
600
800
600
800
Load Current Range
0.1 - 25 A
0.1 - 40 A
0.1 - 50 A
Max. Surge Current
(10 ms)
300
400
500
Max. I2t (10 ms, A2s)
450
800
1250
Max. On-State Voltage
1.5 VRMS
Max. Off-State Leakage
Current
10 mA
Min. Off-State dv/dt
500 V/us
Max. Turn-On Time
Zero –Cross: 1/2 Cycles + 1 ms; Random: 1 ms
Max. Turn-Off Time
1/2 Cycles + 1 ms
Frequency Range
47 - 63 Hz
Min. Power Factor
0.5
FEATURES
 Dual Solid State
 Two Separate SCR Output Relays
 Panel Mount
 Built-in Snubber
 Opto-Isolation Between Input and Output
 RoHS Compliant
E93379
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
12D
4 - 15 VDC
24D
15 - 32 VDC
Must Turn-On Voltage
12D
4 VAC
24D
15 VAC
12D
8 - 50 mA
Control Current
24D
6 - 30 mA
Input Resistance
12D
330 Ω
24D
1.5 kΩ
Must Turn-Off Voltage
1 VDC
ORDERING INFORMATION
CHARACTERISTICS
Dielectric Strength
4000 VAC, 50 Hz/60 Hz, 1 min. (Input to Output)
2500 VAC, 50 Hz/60 Hz, 1 min.
(Input, Output to Output)
Insulation Resistance
1000 MΩ at 500 VDC
Operating Temperture
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Weight
Approximately 83 g
Example:
PCS28
-12D
-240A
-25
Z
Model:
PCS28
Control Voltage: 12D: 4 - 15 VDC;
24D: 15 - 32 VDC
Load Voltage: 240A: 48 - 280 VAC; 380A: 48 - 440 VAC
Load Current:
25: 25 A; 40: 40 A; 50: 50 A
Switching Type: Z: Zero Crossing; R: Random Turn-On
Box Quantity: 80; Inner Box 2
For Accessories and
Heat Sinks see page 2


Similar Part No. - PCS28_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS280A1 PICKER-PCS280A1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS280A1-1 PICKER-PCS280A1-1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS280A1L PICKER-PCS280A1L Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS280A2 PICKER-PCS280A2 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS280A2-1 PICKER-PCS280A2-1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
More results

Similar Description - PCS28_17

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOB863860 CELDUC-SOB863860 Datasheet
877Kb / 9P
Dual Power Solid State Relay
logo
Picker Components
PCS28 PICKER-PCS28 Datasheet
243Kb / 2P
Dual Solid State Relay
logo
celduc-relais
SOB544330 CELDUC-SOB544330 Datasheet
589Kb / 6P
Dual Power Solid State Relay
SOB867640 CELDUC-SOB867640 Datasheet
983Kb / 9P
Dual Power Solid State Relay
SOB942360 CELDUC-SOB942360 Datasheet
974Kb / 9P
Dual Power Solid State Relay
SOB943360 CELDUC-SOB943360 Datasheet
961Kb / 9P
Dual Power Solid State Relay
SOB945360 CELDUC-SOB945360 Datasheet
990Kb / 9P
Dual Power Solid State Relay
SOB965160 CELDUC-SOB965160 Datasheet
975Kb / 9P
Dual Power Solid State Relay
SOBR965560 CELDUC-SOBR965560 Datasheet
1Mb / 7P
Dual Power Solid State Relay
SOBR965660 CELDUC-SOBR965660 Datasheet
1Mb / 7P
Dual Power Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com