Electronic Components Datasheet Search
  English  ▼

X  

SSMB-SR2-CF Datasheet(PDF) 5 Page - DDK Ltd.

Part # SSMB-SR2-CF
Description  Low Profile Push-On Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SSMB-SR2-CF Datasheet(HTML) 5 Page - DDK Ltd.

  SSMB-SR2-CF Datasheet HTML 1Page - DDK Ltd. SSMB-SR2-CF Datasheet HTML 2Page - DDK Ltd. SSMB-SR2-CF Datasheet HTML 3Page - DDK Ltd. SSMB-SR2-CF Datasheet HTML 4Page - DDK Ltd. SSMB-SR2-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Unit:mm
http://www.ddknet.co.jp
SSMB Series
5
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without a previous notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Assembly Instruction (2)
8
Outer Conductor
Ferule
Insulator
Sleeve
A
B
Insulator
Outer Jacket
Center Conductor
Center Conductor
Dies
Dies Surface
Body Surface
0.5∼1
Dies
DIes Surface
Body Surface
Plate
Press the plate more than 0.1
(LP)
Insulator
Contact
(SP)
Connector
Soldering
Center Conductor must be
located between contact slit.
Soldering
Contact
No gap
(LP)
(SP)
8
Outer Conductor
Ferule
Insulator
Sleeve
A
B
Insulator
Outer Jacket
Center Conductor
Center Conductor
Dies
Dies Surface
Body Surface
0.5∼1
Dies
DIes Surface
Body Surface
Plate
Press the plate more than 0.1
(LP)
Insulator
Contact
(SP)
Connector
Soldering
Center Conductor must be
located between contact slit.
Soldering
Contact
No gap
(LP)
(SP)
8
Outer Conductor
Ferule
Insulator
Sleeve
A
B
Insulator
Outer Jacket
Center Conductor
Center Conductor
Dies
Dies Surface
Body Surface
0.5∼1
Dies
DIes Surface
Body Surface
Plate
Press the plate more than 0.1
(LP)
Insulator
Contact
(SP)
Connector
Soldering
Center Conductor must be
located between contact slit.
Soldering
Contact
No gap
(LP)
(SP)
8
Outer Conductor
Ferule
Insulator
Sleeve
A
B
Insulator
Outer Jacket
Center Conductor
Center Conductor
Dies
Dies Surface
Body Surface
0.5∼1
Dies
DIes Surface
Body Surface
Plate
Press the plate more than 0.1
(LP)
Insulator
Contact
(SP)
Connector
Soldering
Center Conductor must be
located between contact slit.
Soldering
Contact
No gap
(LP)
(SP)
① Removing outer jacket
 Removing outer jacket as left figure.
② Insert ferule and sleeve
 Insert ferule into the cable, stretch the outer
conductor of the cable and insert sleeve.
Cut off the outer conductor of the cable along
the sleeve
③ Cutting cable
 Cut the center conductor and insulator of the
cable as left figure.
Part Number
A
B
SSMB-SP-1.5QEW-CF
2.8
5.2
SSMB-LP-1.5QEW-CF
2.8
4.7
④ Crimping body
 Insert the body and crimp it by dies.
Crimping body should be equal to body surface and
dies surface.
⑤ Soldering contact
 Soldering the contact with center conductor
of the cable
⑥ Assemble connector
 Insert the insulator and screw the connector.
 (Recommended screw torque : 49N/㎝)
 In case of LP style,
insert the plate and press it
into the connector. 
①
②
③
④
⑤
⑥



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com