Electronic Components Datasheet Search
  English  ▼

X  

SR70 Datasheet(PDF) 2 Page - Protek Devices

Part # SR70
Description  STEERING DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SR70 Datasheet(HTML) 2 Page - Protek Devices

  SR70 Datasheet HTML 1Page - Protek Devices SR70 Datasheet HTML 2Page - Protek Devices SR70 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.protekdevices.com
05172.R1 8/03
SR70
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Forward Peak Pulse Current (tp = 8/20µs)
IPP
24
A
FIGURE 2
PULSE WAVE FORM
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
0
5
10
15
20
25
30
35
40
45
I
F - Forward Current - A
FIGURE 1
FOWARD VOLTAGE VS FORWARD CURRENT
10
8
6
4
2
0
Waveform
Parameters
t
r - 8µs
t
d = 20µs
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
REPETITIVE
PEAK
REVERSE
VOLTAGE
V
RRM
VOLTS
MINIMUM
REVERSE
BREAKDOWN
VOLTAGE
I@ 50µA
V
(BR)
VOLTS
MAXIMUM
FORWARD
CLAMPING
VOLTAGE
8/20µs
I
PP @ 1A
V
FC
VOLTS
MAXIMUM
CAPACITANCE
(See Note 1)
@0V, 1 MHz
Cj
pF
SR70
PSA
70
85
1.5
10
MAXIMUM
FORWARD
CLAMPING
VOLTAGE
8/20µs
I
PP @ 24A
V
FC
VOLTS
7
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ V
RRM
I
R
µA
1
Note 1: Measured between I/O pins and ground. 3pF typical between I/O pins.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com