Electronic Components Datasheet Search
  English  ▼

X  

KBP2005 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # KBP2005
Description  2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

KBP2005 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  KBP2005 Datasheet HTML 1Page - Chip Integration Technology Corporation KBP2005 Datasheet HTML 2Page - Chip Integration Technology Corporation KBP2005 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
High forward surge current capability.
General purpose use in AC-TO-AC bridge full wave
rectification for switching power supply, home, office
equipment and telecommunication applications.
Glass passivated chip junction.
Suffix "G" indicates Halogen-free part, ex.KBP2005G.
Lead-free parts meet RoHS requirments.
•
•
•
•
•
•
Ideal for printed circuit board.
KBP
• Case : Molded plastic, KBP
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Weight : Approximated 1.7 gram
• Epoxy:UL94-V0 rated flame retardant
KBP2005 THRU KBP210
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@2A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
KBP201
KBP202
KBP204
KBP2005
KBP206
KBP208
Symbol
KBP201
KBP202
KBP204
KBP2005
KBP206
KBP208
100
200
400
50
600
800
1.1
700
1000
KBP210
KBP210
1000
Document ID : DS-21B11
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C1
+
AC
-
I
O
I
FSM
I
R
Forward rectified current
Forward surge current
Reverse current
Parameter
O
at TA = 30 C
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
500
10
2.0
60
A
A
uA
T
STG
Storage temperature
-55
+150
OC
2
I t
Current squared time
15
2
A S
R
θJA
Thermal resistance
30
OC/W
O
t < 8.3ms, T = 25 C
J
junction to ambient
0.200(5.08)
0.146(3.70)
0.105(2.66)
0.043(1.10)
0.598(15.2)
0.559(14.2)
0.50
(12.7)
MIN.
0.160(4.1)
0.140(3.6)
0.035(0.90)
0.028(0.70)


Similar Part No. - KBP2005

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
KBP2005 WEITRON-KBP2005 Datasheet
191Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBP2005 YANGJIE-KBP2005 Datasheet
253Kb / 2P
SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBP2005 SEMTECH_ELEC-KBP2005 Datasheet
325Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBP2005 CHENYI-KBP2005 Datasheet
557Kb / 2P
2.0Amp glass passivated bridge rectifier 50to1000 volts
logo
Weitron Technology
KBP2005 WEITRON-KBP2005 Datasheet
836Kb / 3P
Glass Passivated Bridge Rectifiers
More results

Similar Description - KBP2005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B2M VISHAY-B2M Datasheet
100Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
logo
Chip Integration Techno...
DF201 CITC-DF201 Datasheet
103Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF201S CITC-DF201S Datasheet
93Kb / 3P
2A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF2005 CITC-DF2005 Datasheet
149Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBL202 CITC-GBL202 Datasheet
1Mb / 3P
2A Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
15-Jul-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com