Electronic Components Datasheet Search
  English  ▼

X  

ST26C32ABTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST26C32ABTR
Description  CMOS quad tri-state differential line receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C32ABTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST26C32ABTR Datasheet HTML 5Page - STMicroelectronics ST26C32ABTR Datasheet HTML 6Page - STMicroelectronics ST26C32ABTR Datasheet HTML 7Page - STMicroelectronics ST26C32ABTR Datasheet HTML 8Page - STMicroelectronics ST26C32ABTR Datasheet HTML 9Page - STMicroelectronics ST26C32ABTR Datasheet HTML 10Page - STMicroelectronics ST26C32ABTR Datasheet HTML 11Page - STMicroelectronics ST26C32ABTR Datasheet HTML 12Page - STMicroelectronics ST26C32ABTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ST26C32A
Package mechanical data
9/15
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
Plastic DIP-16 (0.25) MECHANICAL DATA
P001C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15