Electronic Components Datasheet Search
  English  ▼

X  

SV04YS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SV04YS
Description  Symmetrical type Silicon Varistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SV04YS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SV04YS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Symmetrical type Silicon Varistors
Parameter
Type No.
Absolute Maximum Ratings
IF
(mA)
IFSM
(A)
VF
(V)
IF =70mA
IF =1mA
IR
(
µA)
VR
(V)
Tj
(
°C)
Tstg
(
°C)
(
°C/W)
(g)
Mass
Others
SV 02YS
200
100
30
12
150
80
16
10
1.8
±0.2
1.2
±0.2
2.35
±0.25
3.0
±0.3
10
100
–40 to +130
20
0.3
SV 04YS
SV 03YS
SV 05YS
70
8
SV 06YS
A
3.5
±0.35
2.3
±0.25
1.5
±0.25
3.0
±0.3
3.80
±0.4
4.5
±0.45
SV 02YS, 03YS, 04YS, 05YS, 06YS
20
80
40
60
100
0
Ambient tamperature Ta (
°C)
30
50
130
70
90
110
1
5
10
50
0.5
100
0
Forward current
IF (mA)
9
6
3
12
15
VF—IF Characteristics (Typical)
IF (%) —Ta Characteristics
Forward current
IF (mA)
1
10
100
1000
0.1
0
1
2
3
6
4
5
VF—IF Characteristics (Typical)
Internal junction
Type No.
2.7
±0.2
0.6
Cathode Mark
Seal mark
SV 02YS
SV 03YS
SV 04YS
SV 05YS
SV 06YS
SV 06YS
SV 05Y
S
SV 04YS
SV 03YS
SV 02YS
SV 06YS
SV 05YS
SV 04YS
SV 03YS
SV 02YS
116
Fig.
Lot No.
Abbreviated
model No.
Cathode Mark
External Dimensions
(Unit: mm)
Resin molded type
Flammability:
UL94V-0 or Equivalent
A
Fig.
50Hz
1cycle Sinewave
DC characteristics
Rth (j- )
Applications: Noise limiter, Instrument protection, Current blocking.
Voltage limiter, Temperature compensation
In North America, please send inquiries for the products
listed in this page to World Products Inc.


Similar Part No. - SV04YS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SV04YS SANKEN-SV04YS Datasheet
15Kb / 1P
Symmetrical type Silicon Varistors
More results

Similar Description - SV04YS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SV-2SS SANKEN-SV-2SS Datasheet
15Kb / 1P
Symmetrical type Silicon Varistors
SV02YS SANKEN-SV02YS Datasheet
15Kb / 1P
Symmetrical type Silicon Varistors
VR-60SS SANKEN-VR-60SS Datasheet
14Kb / 1P
Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV02YS ETC-SV02YS Datasheet
15Kb / 1P
Symmetrical type Silicon Varistors
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
VARISTORS
logo
SAMWHA ELECTRIC
SVC121D-05A SAMWHA-SVC121D-05A Datasheet
2Mb / 10P
SVC Varistors Type
logo
Cherry Semiconductor Co...
JM-0800 CHERRY-JM-0800 Datasheet
127Kb / 2P
Symmetrical design
logo
Schneider Electric
SSLM1ND101BD SCHNEIDER-SSLM1ND101BD Datasheet
184Kb / 2P
Symmetrical DIN rail
logo
Carlo Gavazzi Holding A...
ECSSM23A10SF CARLOGAVAZZI-ECSSM23A10SF Datasheet
114Kb / 2P
Timers Symmetrical Recycler Type ECS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
Varistors (ZNR Surge Absorber) Type D
14-Dec-20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com