Electronic Components Datasheet Search
  English  ▼

X  

TAS3001C Datasheet(PDF) 41 Page - Texas Instruments

Part # TAS3001C
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001C Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS3001C Datasheet HTML 37Page - Texas Instruments TAS3001C Datasheet HTML 38Page - Texas Instruments TAS3001C Datasheet HTML 39Page - Texas Instruments TAS3001C Datasheet HTML 40Page - Texas Instruments TAS3001C Datasheet HTML 41Page - Texas Instruments TAS3001C Datasheet HTML 42Page - Texas Instruments TAS3001C Datasheet HTML 43Page - Texas Instruments TAS3001C Datasheet HTML 44Page - Texas Instruments TAS3001C Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
9−1
9 Automatic Loudspeaker Equalizer
To simplify the process of designing digital filters for implementation in the TAS3001, Texas Instruments provides a
filter design tool called the Automatic Loudspeaker Equalizer or ALE. Details of this tool are provided in this section.
9.1
Automatic Generation of Equalization Filters Given a Measurement
ALE has the capability of reading in a speaker or environment measurement. The user can then provide the desired
speaker response. From these two inputs, ALE can automatically produce an optimized set of filters to equalize the
speaker. The patent-pending optimization algorithm was developed at Texas Instruments. An example of its operation
is shown in Figure 8−3 through Figure 8−6.
9.2
Automatic Approximation of an Equalization Curve
When the desired equalization transfer function is known, the problem becomes one of finding a set of digital
second-order IIR filters to implement it. In the case where H(s) is known, it can be converted to a digital filter using
a bilinear or impulse invariant method. The resulting transfer function (H(z) can then be factored and implemented
as a combination of second- and first-order sections using the TAS3001. (This factoring capability is not included in
ALE, but can be accomplished simply in Matlab.) However, in many cases the desired transfer function can be
specified as a curve. In this case, the curve can be read by ALE. Then an approximation to it can be generated
manually (see the Manual Filter Generation section below) or automatically. In the automatic mode, ALE again uses
the patent-pending optimization technique developed at Texas Instruments.
9.3
Manual Filter Design
In many cases, the user already has filter specifications and just needs a way of designing such filters. In such cases,
ordinary filter parameters, such as gain, bandwidth, and center frequency can be entered into ALE, which then
provides coefficients for the desired filters. As filters are generated, ALE displays the responses of individual filters
and the composite filter response. In addition, the manual filter generation capability can be used in conjunction with
the automatic capability (see Section 9.2, Automatic Approximation of an Equalization Curve). The user can specify
filters manually and allow ALE to optimize them and generate additional filters automatically as needed. The user
can also specify manual filters and let ALE automatically generate additional filters as needed but without disturbing
the manually-generated filters. In addition, the user can manually modify the filters created by ALE. A graphical user
interface allows easy manipulation of filters and movement between automatic and manual filter generation modes.
9.4
Conversion of Decimal Filter Coefficients to the TAS3001 Format
The filters generated in ALE can be saved in the TAS3001 hexadecimal format (4 integer bits, 20 fraction bits, 2’s
complement). ALE can read in filters in decimal and convert them to the hexadecimal format needed for
implementation in the TAS3001.
9.5
Editing of TAS3001 File Format
ALE can read and write filter files in the TAS3001 format. This allows the filters generated to be stored in the format
used by the TAS3001 control software. In addition, ALE can read TAS3001 filter files and display the filters.
9.6
Examples of the Filter Types Available From ALE 2.1
At the current time the following filter types can be designed by ALE:
Equalization (bell-shaped) filters with a variety of center frequencies (Qs) and gains, as shown in Figure 9−1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com