Electronic Components Datasheet Search
  English  ▼

X  

EC9523 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC9523
Description  Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9523 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC9523 Datasheet HTML 1Page - E-CMOS Corporation EC9523 Datasheet HTML 2Page - E-CMOS Corporation EC9523 Datasheet HTML 3Page - E-CMOS Corporation EC9523 Datasheet HTML 4Page - E-CMOS Corporation EC9523 Datasheet HTML 5Page - E-CMOS Corporation EC9523 Datasheet HTML 6Page - E-CMOS Corporation EC9523 Datasheet HTML 7Page - E-CMOS Corporation EC9523 Datasheet HTML 8Page - E-CMOS Corporation EC9523 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Single Cell Lithium-ion/Lithium-polymer
Battery Protection IC
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 10
3J15N Rev. P001
EC9523
Electrical Characteristics
TA = 25°C; unless otherwise specified.
Parameter
Test condition
Symbol
Min
Typ
Max
Unit
Current consumption
VCC=3.9 V
Icc
2.5
6.0
uA
Current @ Powerdown
with self-recovery
VCC=2 V
IPD
2
uA
Overcharge Protection
voltage
VOCP
4.25
4.30
4.35
V
Overcharge release
voltage
VODP
4.05
4.1
4.15
V
Overdischarge protection
voltage
VODP
2.3
2.4
2.5
V
Overdischarge release
voltage
VODR
2.9
3.0
3.1
V
Discharge overcurrent
detection voltage
VOIP (VOI1)
0.12
0.15
0.18
V
Charge overcurrent
detection voltage
VCOIP
-0.15
-0.10
-0.05
V
Short detection voltage
VSIP (VOI2)
0.55
0.85
1.15
V
0V-charge charger
voltage
V0CHA
1.2
V
Overcharge Protection
delay
TOC
100
200
ms
Overdischarge protection
delay
TOD
25
50
ms
Discharge overcurrent
delay
TOIP
12
25
ms
charge overcurrent delay
TCOIP
12
25
ms
Short delay time
TSIP
50
500
us



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com