Electronic Components Datasheet Search
  English  ▼

X  

PCS34-AC Datasheet(PDF) 1 Page - Picker Components

Part # PCS34-AC
Description  AC Input Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS34-AC Datasheet(HTML) 1 Page - Picker Components

  PCS34-AC Datasheet HTML 1Page - Picker Components PCS34-AC Datasheet HTML 2Page - Picker Components PCS34-AC Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS34 AC Input Rev D 4/04/2017
1 of 3
AC Input Solid State Relay
PCS34 AC Input
OUTPUT PARAMETERS Continued
240A
480A
Load Voltage Range
48 - 280 VAC
48 - 530 VAC
Max. Transient Voltage
600 Vpk
1,200 Vpk
Max. Off-State Leakage
10 mA
Max. On-State Voltage Drop
1.7 VRMS
Min. Power Factor
0.5
Max. Turn-On Time
20 ms
Max. Turn-Off Time
40 ms
Frequency Range
47 Hz to 63 Hz
Min. Off-State dv/dt
500 V/us
FEATURES
 High Power, Load Currents from 25 to 80 Amps
 Back to Back SCR Design Output
 Dielectric Strength of 4,000 VAC
 Zero Cross or Random Turn-On
 Panel Mount
 AC Input Control
 Optical Isolation Between Input and Output
 RoHS Compliant
INPUT PARAMETERS (Ta = 30°C)
Control Voltage Range
90 VAC to 280 VAC
Must Turn-On Voltage
90 VAC
Must Turn-Off Voltage
10 VAC
CHARACTERISTICS
Dielectric Strength
(50/60 Hz, 1 min)
4,000 VAC Input to Output
2,500 VAC Input/Output to Base
Insulation Resistance
1000 MΩ at 500 VDC
Max. Capacitance
8pF (Input to Output)
Operating Temperture
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Relative Humidity
45% - 85%
Weight
88g
ORDERING INFORMATION
Example:
PCS34
-A
240A
-25
Z
L
Model: PCS34 (AC Input, AC Output)
Control Voltage: A: 90-280VAC
Load Voltage: 240A: 48-280VAC; 480A: 48-530VAC
Load Current:40: 40 Amp; 50: 50 Amps; 60: 60 Amp; 70: 70 Amp;
80: 80 Amp; 100: 100 Amp
Switching Type: Z: Zero Crossing, R: Random Turn-On
Over Voltage Protection: Nil: None, Y: With Varistor
Status LED: Nil: Not Included, L: Indicator LED
Terminal Type Nil: Screw Terminal Q: Quick Connect* (1/4" Control, 3/8" Power)
Box Quantity: 100; Inner Box: 2
UL Life Testing
Model: PCS34-A-240A-40-xxx
Load Type
Load Voltage
Output Current
Resistive 100k Cycles
280 VAC 50/60 HZ
50 Amps at 30°C
OUTPUT PARAMETERS (Ta = 30°C)
Load Current Range
10 A
20 A
25 A
40 A
50 A
60 A
70 A
80 A
100 A
Max. Surge Current (10 ms)
100
200
250
400
500
600
700
800
1,000
Max. I2t(10 ms A2s
200
400
500
800
1,250
1,800
2,450
3,200
3,200
For Accessories and
Heat Sink see page 3
E93379


Similar Part No. - PCS34-AC

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS34-DC PICKER-PCS34-DC Datasheet
1Mb / 3P
DC Input Solid State Relay
More results

Similar Description - PCS34-AC

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
logo
Picker Components
PCS34 PICKER-PCS34 Datasheet
575Kb / 3P
AC Input Solid State Relay
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
logo
Picker Components
PCS15 PICKER-PCS15_17 Datasheet
1Mb / 3P
AC/DC Input Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
AC Solid-State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com