Electronic Components Datasheet Search
  English  ▼

X  

TLCB5800 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLCB5800
Description  Ultrabright LED, 5 mm Untinted Non-Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCB5800 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLCB5800 Datasheet HTML 1Page - Vishay Siliconix TLCB5800 Datasheet HTML 2Page - Vishay Siliconix TLCB5800 Datasheet HTML 3Page - Vishay Siliconix TLCB5800 Datasheet HTML 4Page - Vishay Siliconix TLCB5800 Datasheet HTML 5Page - Vishay Siliconix TLCB5800 Datasheet HTML 6Page - Vishay Siliconix TLCB5800 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83178
Rev. 1.5, 30-Aug-04
VISHAY
TLCB / R / TG / Y5800
Vishay Semiconductors
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLCR5800
1) in one Packing Unit I
Vmax/IVmin ≤ 2.0
Surge forward current
tp ≤ 10 µs
TLCR5800
IFSM
1A
TLCY5800
IFSM
1A
TLCTG5800
IFSM
0.1
A
TLCB5800
IFSM
0.1
A
Power dissipation
Tamb ≤ 85°C
TLCR5800
PV
135
mW
TLCY5800
PV
135
mW
Tamb ≤ 60°C
TLCTG5800
PV
135
mW
TLCB5800
PV
135
mW
Junction temperature
TLCR5800
Tj
125
°C
TLCY5800
Tj
125
°C
TLCTG5800
Tj
100
°C
TLCB5800
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
300
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 50 mA
TLCR5800
IV
7500
20000
Dominant wavelength
IF = 50 mA
λd
611
616
622
nm
Peak wavelength
IF = 50 mA
λp
622
nm
Spectral bandwidth
at 50 % Irel max
IF = 50 mA
∆λ
18
nm
Angle of half intensity
IF = 50 mA
ϕ
± 4
deg
Forward voltage
IF = 50 mA
VF
2.1
2.7
V
Reverse voltage
IR = 10 µAVR
5V
Temperature coefficient of VF
IF = 50 mA
TCVF
- 3.5
mV/K
Temperature coefficient of
λd
IF = 50 mA
TCλd
0.05
nm/K
Parameter
Test condition
Part
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com