Electronic Components Datasheet Search
  English  ▼

X  

ALN1971T2 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1971T2
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1971T2 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1971T2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1971T2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1971T2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1971T2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
August 2017
plerowTM ALN1971T2
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
1960 MHz
1970 MHz
1980 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
24.53
-26.44
-16.65
24.45
0.18
-26.87
-16.92
24.35
-26.57
-17.11
4.75 V
24.64
-27.63
-16.50
24.58
0.17
-28.09
-16.74
24.47
-27.92
-16.92
5.00 V
24.71
-28.73
-16.46
24.65
0.17
-29.34
-16.72
24.54
-29.20
-16.92
5.25 V
24.74
-29.75
-16.68
24.68
0.17
-30.30
-16.93
24.57
-30.25
-17.12
5.50 V
24.76
-30.55
-16.85
24.70
0.17
-31.31
-17.13
24.59
-31.05
-17.29
1960 MHz
1970 MHz
1980 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
31.59
20.26
0.619
31.61
20.20
0.613
31.62
20.15
0.613
4.75 V
33.81
20.80
0.639
33.67
20.72
0.621
33.66
20.68
0.623
5.00 V
35.33
21.23
0.634
35.17
21.20
0.626
35.32
21.17
0.621
5.25 V
36.21
21.65
0.646
35.96
21.61
0.641
36.02
21.60
0.640
5.50 V
36.25
21.98
0.644
36.31
21.95
0.653
36.41
21.95
0.650
1960 MHz
1970 MHz
1980 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
26.13
-31.93
-12.98
26.01
0.29
-29.88
-13.19
25.82
-29.16
-12.84
-10
C
25.81
-30.75
-14.70
25.73
0.29
-29.29
-14.96
25.52
-28.68
-14.55
25
C
25.50
-29.97
-16.21
25.41
0.29
-29.07
-16.25
25.21
-28.42
-16.67
60
C
25.18
-28.21
-17.73
25.09
0.26
-27.31
-18.34
24.92
-27.24
-17.89
85
C
24.92
-27.07
-19.20
24.83
0.24
-26.32
-19.77
24.68
-26.33
-19.08
1960 MHz
1970 MHz
1980 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
35.27
21.69
0.232
35.26
21.58
0.235
35.09
21.80
0.241
-10
C
35.82
21.53
0.399
35.87
21.39
0.400
35.70
21.43
0.402
25
C
35.70
21.26
0.629
35.86
21.16
0.631
35.71
21.14
0.632
60
C
35.21
20.64
0.778
35.34
20.52
0.797
35.25
20.53
0.804
85
C
34.82
20.03
0.916
34.64
20.06
0.920
34.60
20.03
0.922
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com