Electronic Components Datasheet Search
  English  ▼

X  

TLC372CP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372CP
Description  LIN CMOS DUAL DIFFERENTIAL COMPARATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC372CP Datasheet(HTML) 5 Page - Texas Instruments

  TLC372CP Datasheet HTML 1Page - Texas Instruments TLC372CP Datasheet HTML 2Page - Texas Instruments TLC372CP Datasheet HTML 3Page - Texas Instruments TLC372CP Datasheet HTML 4Page - Texas Instruments TLC372CP Datasheet HTML 5Page - Texas Instruments TLC372CP Datasheet HTML 6Page - Texas Instruments TLC372CP Datasheet HTML 7Page - Texas Instruments TLC372CP Datasheet HTML 8Page - Texas Instruments TLC372CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TLC372
LinCMOS DUAL DIFFERENTIAL COMPARATORS
SLCS114D − NOVEMBER 1983 − REVISED APRIL 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
TLC372Y
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = VICRmin,
See Note 4
1
5
mV
IIO
Input offset current
1
pA
IIB
Input bias current
5
pA
VICR
Common-mode input voltage range
0 to
VDD −1
V
IOH
High-level output current
VID = 1 V,
VOH = 5 V
0.1
nA
VOL
Low-level output voltage
VID = − 1 V,
IOL = 4 mA
150
400
mV
IOL
Low-level output current
VID = − 1 V,
VOL = 1.5 V
6
16
mA
IDD
Supply current (two comparators)
VID = 1 V,
No load
150
300
µA
† All characteristics are measured with zero common-mode input voltage unless otherwise noted. IMPORTANT: See Parameter Measurement
Information.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 4 V or below 400 mV with a 10-k
Ω resistor
between the output and VDD. They can be verified by applying the limit value to the input and checking for the appropriate output state.
PARAMETER MEASUREMENT INFORMATION
The digital output stage of the TLC372 can be damaged if it is held in the linear region of the transfer curve.
Conventional operational amplifier/comparator testing incorporates the use of a servo loop that is designed to force
the device output to a level within this linear region. Since the servo-loop method of testing cannot be used, the
following alternatives for measuring parameters such as input offset voltage, common-mode rejection, etc., are
offered.
To verify that the input offset voltage falls within the limits specified, the limit value is applied to the input as shown
in Figure 1(a). With the noninverting input positive with respect to the inverting input, the output should be high. With
the input polarity reversed, the output should be low.
A similar test can be made to verify the input offset voltage at the common-mode extremes. The supply voltages can
be slewed as shown in Figure 1(b) for the VICR test, rather than changing the input voltages, to provide greater
accuracy.
5 V
5.1 k
Ω
VO
Applied VIO
Limit
VO
5.1 k
Ω
1 V
−4 V
−
+
−
+
(a) VIO WITH VIC = 0
(b) VIO WITH VIC = 4 V
Applied VIO
Limit
Figure 1. Method for Verifying That Input Offset Voltage is Within Specified Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com