Electronic Components Datasheet Search
  English  ▼

X  

TPS65140 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65140
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65140 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65140 Datasheet HTML 9Page - Texas Instruments TPS65140 Datasheet HTML 10Page - Texas Instruments TPS65140 Datasheet HTML 11Page - Texas Instruments TPS65140 Datasheet HTML 12Page - Texas Instruments TPS65140 Datasheet HTML 13Page - Texas Instruments TPS65140 Datasheet HTML 14Page - Texas Instruments TPS65140 Datasheet HTML 15Page - Texas Instruments TPS65140 Datasheet HTML 16Page - Texas Instruments TPS65140 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.ti.com
Output Capacitor Selection
DVout +
Iout
Cout
1
fs
*
Ip
L
Vout ) Vd * Vin
) Ip
ESR
Ip = Peak current as described in the previous section peak current control
L = Selected inductor value
Iout = Nominal load current
fs = Switching frequency
Vd = Rectifier diode forward voltage (typically 0.3 V)
Cout = Selected output capacitor
ESR = Output capacitor ESR value
Input Capacitor Selection
Rectifier Diode Selection
TPS65140
TPS65145
SLVS497B – SEPTEMBER 2003 – REVISED MARCH 2004
APPLICATION INFORMATION (continued)
Table 1. Inductor Selection
DEVICE
INDUCTOR VALUE
COMPONENT SUPPLIER
DIMENSIONS
ISAT/DCR
4.7 µH
Coilcraft DO1813P-472HC
8.89*6.1*5.0
2.6 A/54 m
Ω
4.2 µH
Sumida CDRH5D28 4R2
5.7*5.7*3
2.2 A/23 m
Ω
4.7 µH
Sumida CDC5D23 4R7
6*6*2.5
1.6 A/48 m
Ω
TPS65140
3.3 µH
Wuerth Elektronik 744042003
4.8*4.8*2.0
1.8 A/65 m
Ω
4.2 µH
Sumida CDRH6D12 4R2
6.5*6.5*1.5
1.8 A/60 m
Ω
3.3 µH
Sumida CDRH6D12 3R3
6.5*6.5*1.5
1.9 A/50 m
Ω
3.3 µH
Sumida CDPH4D19 3R3
5.1*5.1*2.0
1.5 A/26 m
Ω
3.3 µH
Coilcraft DO1606T-332
6.5*5.2*2.0
1.4 A/120 m
Ω
TPS65145
3.3 µH
Sumida CDRH2D18/HP 3R3
3.2*3.2*2.0
1.45 A/69 m
Ω
4.7 µH
Wuerth Elektronik 744010004
5.5*3.5*1.0
1.0 A/260 m
Ω
3.3 µH
Coilcraft LPO6610-332M
6.6*5.5*1.0
1.3 A/160 m
Ω
For best output voltage filtering, a low ESR output capacitor is recommended. Ceramic capacitors have a low
ESR value but depending on the application, tantalum capacitors can be used as well. A 22-µF ceramic output
capacitor works for most of the applications. Higher capacitor values can be used to improve load transient
regulation. See Table 2 for the selection of the output capacitor. The output voltage ripple can be calculated as:
with:
For good input voltage filtering, low ESR ceramic capacitors are recommended. A 22-µF ceramic input capacitor
is sufficient for most of applications. For better input voltage filtering, this value can be increased. See Table 2
and the typical applications for input capacitor recommendations.
Table 2. Input and Output Capacitors Selection
CAPACITOR
VOLTAGE RATING
COMPONENT SUPPLIER
COMMENTS
22 µF/1210
16V
Taiyo Yuden EMK325BY226MM
CO
22 µF/1206
6.3V
Taiyo Yuden JMK316BJ226
CI
To achieve high efficiency, a Schottky diode should be used. The voltage rating should be higher than the
maximum output voltage of the converter. The average forward current should be equal to the average inductor
current of the converter. The main parameter influencing the efficiency of the converter is the forward voltage and
the reverse leakage current of the diode; both should be as low as possible. Possible diodes are: On
Semiconductor MBRM120L, Microsemi UPS120E, and Fairchild Semiconductor MBRS130L.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com