Electronic Components Datasheet Search
  English  ▼

X  

6029513 Datasheet(PDF) 5 Page - SICK AG

Part # 6029513
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6029513 Datasheet(HTML) 5 Page - SICK AG

  6029513 Datasheet HTML 1Page - SICK AG 6029513 Datasheet HTML 2Page - SICK AG 6029513 Datasheet HTML 3Page - SICK AG 6029513 Datasheet HTML 4Page - SICK AG 6029513 Datasheet HTML 5Page - SICK AG 6029513 Datasheet HTML 6Page - SICK AG 6029513 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WLL170-2P330 | WLL170-2
FIBER-OPTIC SENSORS AND FIBERS
Dimensional drawing (Dimensions in mm (inch))
WLL170-2
9
84,1
Ø 3,2
9,5
8
5
72,6
6,5
~ 180°
Ø 4,2
18,9
9
10
7
36,6
2,3
10,5
1
2
3
4
5
5
①  Sender LED, installation of LL3 fibre-optic cable (sender fibre)
②  Receiver, installation of LL3 fibre optic cable (receiver fibre)
③  Protective hood, can be raised at both ends
④  Mounting bracket, included with delivery
⑤  Connection
Recommended accessories
Other models and accessories
www.sick.com/WLL170-2
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket, steel, zinc coated, without mounting hardware
BEF-WLL170
5306574
Other mounting accessories
Rail end piece for block mounting, Stainless steel, mounting hardware included
BEF-EB01-W190
5313011
Cutter for fibers, supplied with LL3
FC
5304141
Plug connectors and cables
Head A: female connector, M8, 3-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0803-G02M
6010785
Head A: female connector, M8, 3-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-0803-G05M
6022009
Head A: female connector, M8, 3-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0803-W02M
6008489
Head A: female connector, M8, 3-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-0803-W05M
6022010
2017-08-07 15:48:08 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com