Electronic Components Datasheet Search
  English  ▼

X  

RB520D Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # RB520D
Description  100mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

RB520D Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  RB520D Datasheet HTML 1Page - Chip Integration Technology Corporation RB520D Datasheet HTML 2Page - Chip Integration Technology Corporation RB520D Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
Extremely small surface mount type.
Up to 100mA current capability.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
Low current rectification and high speed switching.
Suffix "G" indicates Halogen-free part, ex.RB520DG.
SOD-923
• Case : Molded plastic, SOD-923
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.00044 gram
• Epoxy:UL94-V0 rated flame retardant
RB520D
Marking code
0.017(0.43)
0.014(0.36)
0.035(0.85)
0.029(0.75)
0.042(1.05)
0.037(0.95)
Symbol
I
O
I
FSM
I
R
Mean rectifying current
Forward surge current
Reverse current
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
V
= 10V DC
R
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
0.5
100
500
mA
mA
uA
Document ID : DS-22K0Y
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
Parameter
Maximum Recurrent Peak Reverse Voltage
Continuous reverse voltage
Marking code
Storage temperature
Maximum Instantaneous Forward Voltage@10mA DC
Power Dissipation
Thermal resistance
junction to ambient
Operating Temperature
V
RM
V
R
T
STG
V
F
P
D
R
θJA
T
J
RB520D
E
30
30
520
150
0.45
-40 ~ +125
-40 ~ +125
OC
UNIT
V
mW
V
OC/W
OC
100mA Surface Mount Small Signal Diodes


Similar Part No. - RB520D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB520AS-30 ROHM-RB520AS-30 Datasheet
1Mb / 8P
Schottky Barrier Diode
RB520AS-40 ROHM-RB520AS-40 Datasheet
1Mb / 8P
Schottky Barrier Diode
RB520ASA-30FH ROHM-RB520ASA-30FH Datasheet
1Mb / 7P
Schottky Barrier Diode
2023/04/14_Rev.001
RB520ASA-40FH ROHM-RB520ASA-40FH Datasheet
1Mb / 7P
Schottky Barrier Diode
2023/02/09_Rev.004
RB520CM-30 ROHM-RB520CM-30 Datasheet
650Kb / 8P
Schottky Barrier Diode
More results

Similar Description - RB520D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
logo
Chip Integration Techno...
RB500V CITC-RB500V Datasheet
146Kb / 3P
100mA Surface Mount Small Signal Diodes
RB501V CITC-RB501V Datasheet
146Kb / 3P
100mA Surface Mount Small Signal Diodes
RB520G CITC-RB520G Datasheet
146Kb / 3P
100mA Surface Mount Small Signal Diodes
RB521D CITC-RB521D Datasheet
147Kb / 3P
100mA Surface Mount Small Signal Diodes
RB521G CITC-RB521G Datasheet
148Kb / 3P
100mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com