Electronic Components Datasheet Search
  English  ▼

X  

RB520S Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # RB520S
Description  200mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

RB520S Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  RB520S Datasheet HTML 1Page - Chip Integration Technology Corporation RB520S Datasheet HTML 2Page - Chip Integration Technology Corporation RB520S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
200mA Surface Mount Small Signal Diodes
REVERSE VOLTAGE : V
FIG.3-TYPICAL TERMINALS CAPACITANCE
FIG.2 - TYPICAL REVERSE
CHARACTERISTICS
CHARACTERISTICS
FIG.1-TYPICAL FORWARD
1m
10m
100m
1u
10u
100u
1000m
0
100
200
300
400
500
600
FORWARD VOLTAGE,(V)
o
T =-25 C
A
o
T =25 C
A
o
T =75 C
A
o
T =125 C
A
1000
10
1
1000000
100000
10000
0
10
20
30
REVERSE VOLTAGE , (V)
o
125 C
o
75 C
o
25 C
o
-25 C
100
0
10
1
10
20
30
100
f = 1MHz
RB520S
Document ID : DS-22K79
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com