Electronic Components Datasheet Search
  English  ▼

X  

RB751V Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # RB751V
Description  30mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

RB751V Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  RB751V Datasheet HTML 1Page - Chip Integration Technology Corporation RB751V Datasheet HTML 2Page - Chip Integration Technology Corporation RB751V Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
Extremely small surface mount type.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
Low current rectification and high speed switching.
Suffix "G" indicates Halogen-free part, ex.RB751VG.
RB751V
Symbol
I
O
I
FSM
I
R
Mean rectifying current
Forward surge current
Reverse current
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
V
= 30V DC
R
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
0.5
30
200
mA
mA
uA
Document ID : DS-22K1A
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
Parameter
Maximum Recurrent Peak Reverse Voltage
Continuous reverse voltage
Marking code
Storage temperature
Maximum Instantaneous Forward Voltage@1mA DC
Power Dissipation
Thermal resistance
junction to ambient
Operating Temperature
V
RM
V
R
T
STG
V
F
P
D
R
θJA
T
J
RB751V
JV
30
30
520
150
0.37
-40 ~ +125
-40 ~ +125
OC
UNIT
V
mW
V
OC/W
OC
30mA Surface Mount Small Signal Diodes
C
T
Capacitance between terminals
V
= 10V DC, f = 1MHz
R
pF
20
SOD-323
Marking code
0.03 9 (1 .00 )M ax.
0.07 1 (1 .80 )
0.06 3 (1 .60 )
0.10 6 (2 .70 )
0.09 8 (2 .50 )
• Case : Molded plastic, SOD-323
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.0002 ounce, 0.005 gram
• Epoxy:UL94-V0 rated flame retardant


Similar Part No. - RB751V

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
RB751V YENYO-RB751V Datasheet
143Kb / 2P
SCHOTTKY DIODES
logo
Rohm
RB751V-40 ROHM-RB751V-40 Datasheet
62Kb / 2P
Schottky barrier diode
RB751V-40 ROHM-RB751V-40 Datasheet
139Kb / 4P
Schottky barrier diode
logo
Taiwan Semiconductor Co...
RB751V-40 TSC-RB751V-40 Datasheet
277Kb / 2P
0.03AMP Surface Mount Schottky Barrier Diode
logo
Pan Jit International I...
RB751V-40 PANJIT-RB751V-40 Datasheet
69Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - RB751V

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
logo
Formosa MS
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
logo
Chip Integration Techno...
RB751D CITC-RB751D Datasheet
148Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751D-40 CITC-RB751D-40 Datasheet
148Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751G CITC-RB751G Datasheet
149Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751G-40 CITC-RB751G-40 Datasheet
149Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751S CITC-RB751S Datasheet
148Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751S-40 CITC-RB751S-40 Datasheet
148Kb / 3P
30mA Surface Mount Small Signal Diodes
RB751V-40 CITC-RB751V-40 Datasheet
93Kb / 3P
30mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com