Electronic Components Datasheet Search
  English  ▼

X  

TPS2047 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2047
Description  POWER DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2047 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2047 Datasheet HTML 1Page - Texas Instruments TPS2047 Datasheet HTML 2Page - Texas Instruments TPS2047 Datasheet HTML 3Page - Texas Instruments TPS2047 Datasheet HTML 4Page - Texas Instruments TPS2047 Datasheet HTML 5Page - Texas Instruments TPS2047 Datasheet HTML 6Page - Texas Instruments TPS2047 Datasheet HTML 7Page - Texas Instruments TPS2047 Datasheet HTML 8Page - Texas Instruments TPS2047 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS2030, TPS2031, TPS2032, TPS2033, TPS2034
POWERDISTRIBUTION SWITCHES
SLVS190B − DECEMBER 1998 − REVISED MARCH 2004
3
TI.COM
detailed description
power switch
The power switch is an N-channel MOSFET with a maximum on-state resistance of 50 m
Ω (VI(IN) = 5 V).
Configured as a high-side switch, the power switch prevents current flow from OUT to IN and IN to OUT when
disabled.
charge pump
An internal charge pump supplies power to the driver circuit and provides the necessary voltage to pull the gate
of the MOSFET above the source. The charge pump operates from input voltages as low as 2.7 V and requires
very little supply current.
driver
The driver controls the gate voltage of the power switch. To limit large current surges and reduce the associated
electromagnetic interference (EMI) produced, the driver incorporates circuitry that controls the rise times and
fall times of the output voltage. The rise and fall times are typically in the 2-ms to 9-ms range.
enable (EN)
The logic enable disables the power switch, the bias for the charge pump, driver, and other circuitry to reduce
the supply current to less than 10
µA when a logic low is present on EN . A logic high input on EN restores bias
to the drive and control circuits and turns the power on. The enable input is compatible with both TTL and CMOS
logic levels.
overcurrent ( OC )
The OC open drain output is asserted (active low) when an overcurrent or overtemperature condition is
encountered. The output will remain asserted until the overcurrent or overtemperature condition is removed.
current sense
A sense FET monitors the current supplied to the load. The sense FET measures current more efficiently than
conventional resistance methods. When an overload or short circuit is encountered, the current-sense circuitry
sends a control signal to the driver. The driver, in turn, reduces the gate voltage and drives the power FET into
its saturation region, which switches the output into a constant current mode and holds the current constant
while varying the voltage on the load.
thermal sense
An internal thermal-sense circuit shuts off the power switch when the junction temperature rises to
approximately 140
°C. Hysteresis is built into the thermal sense circuit. After the device has cooled
approximately 20
°C, the switch turns back on. The switch continues to cycle off and on until the fault is removed.
undervoltage lockout
A voltage sense circuit monitors the input voltage. When the input voltage is below approximately 2 V, a control
signal turns off the power switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com