Electronic Components Datasheet Search
  English  ▼

X  

PICO313 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO313
Description  Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350, LVDS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO313 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO313 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
167
* All specifications and photos are subject to change without notice.
Updated Sep. 01, 2017.
Chipset
Intel® HD graphics
Memory Size
Share system memory
Display Interface
1 x LVDS; 18/24-bit single/dual channel
CPU
Intel® Pentium® N4200 and Celeron® N3350 processor
onboard
System Memory
1 x 204-pin DDR3L-1867 SO-DIMM, up to 8GB
Chipset
SoC Integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
65535 levels, 1 ~ 65535 sec.
Expansion Interface
1 x full-size PCI Express Mini Card with mSATA supported
1 x half-size PCI Express Mini Card
1 x PCIe x1, 1 x LPC, 1 x DDI, 4 x USB 3.0,1 x HD audio and
1 x SMBus (through expansion connector)
Battery Lithium
Lithium 3V/220mAH
Power Input
1 x 4 pin connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
Intel® Pentium® N4200 @8GB DDR3L
Max. RMS. +12V @ 1.6A
Intel® Celeron® N3350 @8GB DDR3L
Max. RMS. +12V @ 1.4A
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ +158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
N/A
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, and voltage
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
Audio
N/A
USB
1 x USB 2.0
SMBus/I
2C
Yes, for advanced monitoring/control
Digital I/O
4 channels IN/OUT programmed
TPM
ST ST33TPM12LPC with TPM 1.2 compliant
Standard
PICO313LG-N4200
(P/N: E38H313100)
Pico-ITX SBC with Intel® Pentium® processor N4200
(1.1 ~ 2.5 GHz, 2 MB Cache, 6W), LVDS, 1GbE LAN and
1 USB 2.0
PICO313LG-N3350
(P/N: E38H313101)
Pico-ITX SBC with Intel® Celeron® processor N3350
(1.1 ~ 2.4 GHz, 2 MB Cache, 6W), LVDS, 1GbE LAN and
1 USB 2.0
Standard
Quick installation guide, User’s Manual/Utility CD and accessories
Cable
Part Number
Description
Qty
8593A071000E
AX93A07 LVDS to VGA I/O board
1
59403208000E
SATA cable
1
594P8800600E
SATA power cable
1
5078H313000E
Heatspreader
1
5078H100200E
Heatsink
1
594P8802810E
USB cable
1
Ordering Information
Core System
Display
Packing List
I/O
PICO313
Pico-ITX SBC with Intel® Pentium® Processor N4200 & Celeron® Processor N3350, LVDS
and LAN
Features
● Intel® Pentium® N4200 and Celeron® N3350
● 1 DDR3L SO-DIMM, up to 8GB
● 1 USB 2.0 port
● 2 PCI Express Mini Card slots
+12V Power input
USB 2.0
SATA3
HD audio, LPC, power on/off,
reset, LED
4 x USB 3.0, 1 x PCIe x1, DDI
LVDS
Ethernet
Assembly view
Side view
NEW
DDR3L
DDR3L
DDR3L
PCIe Mini
PCIe Mini
PCIe Mini
+12V
AiRD
Full Solid
Cap Design
Low Power
Fanless


Similar Part No. - PICO313

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312 Datasheet
310Kb / 1P
IntelR PentiumR processor N4200 & CeleronR processor N3350 (Apollo Lake)
PICO312HG-N4200 AXIOMTEK-PICO312HG-N4200 Datasheet
310Kb / 1P
IntelR PentiumR processor N4200 & CeleronR processor N3350 (Apollo Lake)
PICO312VG-N3350 AXIOMTEK-PICO312VG-N3350 Datasheet
310Kb / 1P
IntelR PentiumR processor N4200 & CeleronR processor N3350 (Apollo Lake)
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
PICO316 AXIOMTEK-PICO316 Datasheet
508Kb / 1P
Pico-ITX SBC with Intel Pentium N4200/Celeron N3350, HDMI/LVDS
More results

Similar Description - PICO313

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA318 AXIOMTEK-CAPA318 Datasheet
311Kb / 1P
3.5 Embedded SBC with Intel짰 Pentium Processor N4200 & Celeron Processor N3350, VGA/LVDS, Dual LANs and Audio
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
PICO316 AXIOMTEK-PICO316 Datasheet
508Kb / 1P
Pico-ITX SBC with Intel Pentium N4200/Celeron N3350, HDMI/LVDS
PICO843 AXIOMTEK-PICO843_17 Datasheet
303Kb / 1P
Pico-ITX SBC with Intel Celeron Processor J1900/N2807, LVDS/VGA
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
Advantech Co., Ltd.
MIO-2360 ADVANTECH-MIO-2360 Datasheet
929Kb / 2P
Intel Pentium N4200/Celeron N3350/
MIO-2360 ADVANTECH-MIO-2360_V01 Datasheet
4Mb / 6P
Intel짰 Pentium N4200/Celeron N3350/ Atom??E3900 series Pico-ITX SBC
MIO-3360 ADVANTECH-MIO-3360 Datasheet
770Kb / 2P
Intel® Pentium N4200/Celeron N3350 Pico-ITX SBC
12-Mar-2021
logo
AAEON Technology
PICO-APL2 AAEON-PICO-APL2 Datasheet
513Kb / 2P
Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
2023/01/11
PICO-APL4 AAEON-PICO-APL4 Datasheet
549Kb / 2P
Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
2022/09/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com