Electronic Components Datasheet Search
  English  ▼

X  

TFBS4652 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFBS4652
Description  Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4652 Datasheet(HTML) 2 Page - Vishay Siliconix

  TFBS4652 Datasheet HTML 1Page - Vishay Siliconix TFBS4652 Datasheet HTML 2Page - Vishay Siliconix TFBS4652 Datasheet HTML 3Page - Vishay Siliconix TFBS4652 Datasheet HTML 4Page - Vishay Siliconix TFBS4652 Datasheet HTML 5Page - Vishay Siliconix TFBS4652 Datasheet HTML 6Page - Vishay Siliconix TFBS4652 Datasheet HTML 7Page - Vishay Siliconix TFBS4652 Datasheet HTML 8Page - Vishay Siliconix TFBS4652 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TFBS4652
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 28-Jan-14
2
Document Number: 84671
For technical questions within your region: irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PINOUT
TFBS4652, bottom view
weight 0.05 g
Definitions:
In
the
Vishay
transceiver
datasheets
the
following
nomenclature is used for defining the IrDA operating modes:
• SIR: 2.4 kbit/s to 115.2 kbit/s, equivalent to the basic serial
infrared standard with the physical layer version IrPhy 1.0
• MIR: 576 kbit/s to 1152 kbit/s
•FIR: 4 Mbit/s
• VFIR: 16 Mbit/s
MIR and FIR were implemented with IrPhy 1.1, followed by
IrPhy 1.2, adding the SIR Low Power Standard. IrPhy 1.3
extended the low power option to MIR and FIR and VFIR
was added with IrPhy 1.4. A new version of the standard in
any case obsoletes the former version.
Notes
• Reference point pin, GND unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
(1) Sn/lead (Pb)-free soldering. The product passed Vishay’s standard convection reflow profile soldering test.
PIN DESCRIPTION
PIN NUMBER
SYMBOL
DESCRIPTION
I/O
ACTIVE
1IREDA
IRED anode, connected via a current limiting resistor to VCC2.
A separate unregulated power supply can be used.
2RXD
Receiver output. Normally high, goes low for a defined pulse duration with
the rising edge of the optical input signal. Output is a CMOS tri-state driver,
which swings between ground and Vlogic. Receiver echoes transmitter output.
OLow
3TXD
Transmitter data input. Setting this input above the threshold turns on the transmitter.
This input switches the IRED with the maximum transmit pulse width of about 100 μs.
IHigh
4SD
Shutdown. Logic low at this input enables the receiver, enables the transmitter, and
un-tri-states the receiver output. It must be driven high for shutting down the transceiver.
IHigh
5Vlogic
Reference for the logic swing of the output and the input logic levels.
I
6VCC
Power supply, 2.4 V to 3.6 V. This pin provides power for the receiver and
transmitter drive section. Connect VCC1 via an optional filter.
7
GND
Ground
19284
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range, transceiver
0 V < VCC2 < 6 V
VCC1
-0.5
6
V
Supply voltage range, transmitter
0 V < VCC1 < 3.6 V
VCC2
-0.5
6
V
Supply voltage range, digital supply
0 V < VCC1 < 3.6 V
Vlogic
-0.5
6
V
Voltage at RXD
All states
VIN
-0.5
Vlogic + 0.5
V
Input voltage range,
transmitter TXD
Independent of Vdd or Vlogic
VIN
-0.5
6
V
Input currents
For all pins, except IRED anode pin
-40
40
mA
Output sinking current
20
mA
Power dissipation
PD
250
mW
Junction temperature
TJ
125
°C
Ambient temperature range (operating)
Tamb
-25
+85
°C
Storage temperature
Tstg
-40
+100
°C
Soldering temperature (1)
See section
“Recommended Solder Profile”
260
°C
Repetitive pulse output current
< 90 μs, ton < 20 %
IIRED (RP)
500
mA
Average output current (transmitter)
IIRED (DC)
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com