Electronic Components Datasheet Search
  English  ▼

X  

TIP29 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # TIP29
Description  1.0 Ampere NPN Type Epitaxial Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

TIP29 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  TIP29 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. TIP29 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. TIP29 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
TIP29/TIP29A/TIP29B/TIP29C
Pb Free Plating Product
TIP29/TIP29A/TIP29B/TIP29C
Pb
1.0 Ampere NPN Type Epitaxial Silicon Power Transistors
φ3.6
0±0.
20
9.90±0.20
2.54typ
0.80±0.20
1.27±0.20
1.52±0.20
1.30±0.20
4.50±0.20
0.50±0.20
2.40±0.20
2.54typ
Dimensions in Millimeters
Package Dimension
TO-220C
1. BASE
2. COLLECTOR
3. EMITTER
1 2
3
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/3
Rev.05
DESCRIPTION
·
·Moisure Sensitivity Level 1
·Complementary to Type TIP30 series
Rth(jc) is 4.167
OC/W, R
th(ja) is 62.5
OC/W
BASE
1
COLLECTOR
2
3
EMITTER
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
VCBO
Collector-Base Voltage
TIP29, TIP30
TIP29A, TIP30A
TIP29B, TIP30B
TIP29C, TIP30C
40
60
80
100
V
VEB
Emitter-Base Voltage
5.0
V
IC
Collector Current- Continuous
Peak
(1)
1.0
3.0
A
IB
Base Current-Continuous
0.4
A
PD
Total power dissipation @TC=25
OC
Derate above 25
OC
30
0.24
W
W/
OC
TJ,
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
2. Pulse Test: Pulse Width=300us, Duty Cycle <2.0%
3. f T=| hfe | x f test
Notes:1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
It is intented for use in power
amplifier and switching application.
·


Similar Part No. - TIP29

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP29 POINN-TIP29 Datasheet
85Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIP29 TRSYS-TIP29 Datasheet
443Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP29 FAIRCHILD-TIP29 Datasheet
39Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP29 BOCA-TIP29 Datasheet
26Kb / 2P
General purpose Amplifier and Switching Applications
More results

Similar Description - TIP29

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ413 MOTOROLA-MJ413 Datasheet
134Kb / 4P
10 AMPERE POWER TRANSISTORS NPN SILICON
MJ13090 MOTOROLA-MJ13090 Datasheet
266Kb / 6P
15 AMPERE NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6546 NJSEMI-2N6546 Datasheet
114Kb / 1P
15 AMPERE NPN SILICON POWER TRANSISTORS
2N6676 NJSEMI-2N6676 Datasheet
208Kb / 2P
15 AMPERE NPN SILICON POWER TRANSISTORS
logo
Toshiba Semiconductor
TBC847 TOSHIBA-TBC847 Datasheet
193Kb / 5P
Bipolar Transistors Silicon NPN Epitaxial Type
2016-08-01 Rev.1.0
TTC3710B TOSHIBA-TTC3710B Datasheet
245Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2014-11-06 Rev.3.0
TTC011B TOSHIBA-TTC011B Datasheet
272Kb / 6P
Bipolar Transistors Silicon NPN Epitaxial Type
2016-02-09 Rev.1.0
TTC017 TOSHIBA-TTC017 Datasheet
487Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2015-03-24 Rev.1.0
TPCP8513 TOSHIBA-TPCP8513 Datasheet
301Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2023-01-16 Rev.2.0
TPCP8514 TOSHIBA-TPCP8514 Datasheet
303Kb / 7P
Bipolar Transistors Silicon NPN Epitaxial Type
2023-01-16 Rev.2.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com