Electronic Components Datasheet Search
  English  ▼

X  

W583S15 Datasheet(PDF) 11 Page - Winbond

Part # W583S15
Description  HIGH FIDELITY Power Speech
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W583S15 Datasheet(HTML) 11 Page - Winbond

Back Button W583S15 Datasheet HTML 6Page - Winbond W583S15 Datasheet HTML 7Page - Winbond W583S15 Datasheet HTML 8Page - Winbond W583S15 Datasheet HTML 9Page - Winbond W583S15 Datasheet HTML 10Page - Winbond W583S15 Datasheet HTML 11Page - Winbond W583S15 Datasheet HTML 12Page - Winbond W583S15 Datasheet HTML 13Page - Winbond W583S15 Datasheet HTML 14Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary W583XXX
Publication Release Date: March 1999
- 11 -
Revision A1
AC Characteristics
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Oscillation Frequency
1
Fosc
Ring Oscillator, Rosc = 750 K
Ω
2.7
3
3.3
MHz
Ring Oscillator, Rosc = 1.6 M
Ω
1.3
1.5
1.7
Oscillation Frequency
Deviation by Voltage
Drop
∆Fosc
Fosc
F(3V)-F(2.4V)
F(3V)
7.5
%
Instruction Cycle Time
Tins
Fosc = 3 MHz, SR = 6 KHz
1/3
mS
POI Delay Time
TPD
Fosc = 3 MHz
160
mS
Long Debounce Time
TDEBL
Fosc = 3 MHz, SR = 6 KHz
50
mS
Short Debounce Time
2
TDEBS
400
µS
1. This parameter is different from that of W58300.
2. For ring oscillator only.
TYPICAL APPLICATION CIRCUIT
Rosc
AUD/SPK+
SPK-
VSS
VCC
VDD
XOUT
OSC/XIN
W583S80
TG2
TG1
TG4
TG3/IRIN
TG6
TG5
TG8
TG7
STPA/BUSY
STPB
LED2/STPC
STPD
STPE
STPF
STPG
STPH
LED1
VCC
SEL
VDD1
TEST
IROUT
VSS1
VCC
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com