Electronic Components Datasheet Search
  English  ▼

X  

SK32AS Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # SK32AS
Description  3A Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SK32AS Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  SK32AS Datasheet HTML 1Page - Chip Integration Technology Corporation SK32AS Datasheet HTML 2Page - Chip Integration Technology Corporation SK32AS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low profile surface mounted application in order to
•
optimize board space.
Low power loss, high efficiency.
•
High current capability, low forward voltage drop.
•
Ultra high-speed switching.
•
Silicon epitaxial planar chip, metal silicon junction.
•
Suffix "G" indicates Halogen-free part, ex.SK32ASG.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AC / SMAS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.08 gram
SK32AS THRU SK320AS
3A Surface Mount Schottky Barrier Rectifiers
I
O
I
F S M
I
R
C
J
T
S T G
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 100 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
250
20
0.5
3.0
70
A
A
mA
O C/W
O C
55
R
θ J A
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
SK34AS
SK36AS
SK310AS
SK32AS
SK315AS
SK320AS
Symbol
Document ID : DS-12K0U
Revised Date : 2017/03/15
Revision : C6
SK345AS
Operating Junction
temperature
O
T ( C)
J
-55 ~ +150
-55 ~ +175
Max. forward voltage
O
@3A, T = 25 C
A
V (V)
F
0.70
0.50
0.87
0.90
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
28
42
70
14
105
140
Max.
repetitive peak
reverse voltage
V
(V)
R R M
40
60
100
20
150
200
Marking code
SK34
SK36
SK310
SK32
SK315
SK320
40
60
100
20
150
200
0.45
0.85
31.5
45
SK345
45
Dimensions in inches and (millimeters)
■ Outline
SMAS(DO-214AC)
0.205(5.2)
0.193(4.9)
0.114(2.9)
0.098(2.5)
0.075(1.9)
0.061(1.55)
0.039 (1.0)
0.039(1.0)
0.053(1.35)
0.065(1.65)
Marking code
0.028 (0.7)
0.028(0.7)


Similar Part No. - SK32AS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32A MCC-SK32A Datasheet
620Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A Datasheet
130Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SK32A GOOD-ARK-SK32A Datasheet
151Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
logo
SEMTECH ELECTRONICS LTD...
SK32A SEMTECH_ELEC-SK32A Datasheet
183Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A Datasheet
131Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK32AS

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32-LFR FRONTIER-SK32-LFR Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32 FRONTIER-SS32 Datasheet
124Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32A-LFR FRONTIER-SS32A-LFR Datasheet
126Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32B FRONTIER-SS32B Datasheet
124Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SK32C CITC-SK32C Datasheet
153Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SKL32C CITC-SKL32C Datasheet
103Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SKL34ASG CITC-SKL34ASG Datasheet
463Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com