Electronic Components Datasheet Search
  English  ▼

X  

AD9434 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9434
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9434 Datasheet HTML 4Page - Analog Devices AD9434 Datasheet HTML 5Page - Analog Devices AD9434 Datasheet HTML 6Page - Analog Devices AD9434 Datasheet HTML 7Page - Analog Devices AD9434 Datasheet HTML 8Page - Analog Devices AD9434 Datasheet HTML 9Page - Analog Devices AD9434 Datasheet HTML 10Page - Analog Devices AD9434 Datasheet HTML 11Page - Analog Devices AD9434 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
AD9434
Rev. B | Page 7 of 28
Timing Diagrams
N – 1
N
N + 2
N + 3
N + 4
N + 5
N + 1
CLK+
N – 15
N – 14
N – 13
N – 12
N – 11
CLK–
DCO+
DCO–
Dx+
Dx–
VIN+, VIN–
tA
tCH
tCL
1/
fS
tCPD
tSKEW
tPD
Figure 2. Single Data Rate Mode
N – 1
N
N + 2
N + 3
N + 4
N + 5
N + 1
CLK+
CLK–
DCO+
DCO–
D6
N – 15
D0
N – 14
D6
N – 14
D0
N – 13
D6
N – 13
D0
N – 12
D6
N – 12
D0
N – 11
D6
N – 11
D0
N – 10
D0/D6+
D0/D6–
D11
N – 15
D5
N – 14
D11
N – 14
D5
N – 13
D11
N – 13
D5
N – 12
D11
N – 12
D5
N – 11
D11
N – 11
D5
N – 10
D5/D11+
D5/D11–
VIN+, VIN–
tA
tCH
tCL
1/
fS
tCPD
tSKEW
tPD
6 MSBs
6 LSBs
Figure 3. Double Data Rate Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com