Electronic Components Datasheet Search
  English  ▼

X  

W583M02 Datasheet(PDF) 8 Page - Winbond

Part # W583M02
Description  HIGH FIDELITY Power Speech
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W583M02 Datasheet(HTML) 8 Page - Winbond

Back Button W583M02 Datasheet HTML 4Page - Winbond W583M02 Datasheet HTML 5Page - Winbond W583M02 Datasheet HTML 6Page - Winbond W583M02 Datasheet HTML 7Page - Winbond W583M02 Datasheet HTML 8Page - Winbond W583M02 Datasheet HTML 9Page - Winbond W583M02 Datasheet HTML 10Page - Winbond W583M02 Datasheet HTML 11Page - Winbond W583M02 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Preliminary W583XXX
- 8 -
"DEFPAGE" decides the page operation mode of W583xxx. The default setting of the page mode is
1-page mode. The 8-page, 16-page or 32-page mode must be declared in order to reach the interrupt
vector/label from 256 to 2047 when the interrupt vector/label is beyond 0-255.
The W583xxx can communicate with an external microprocessor through the simple serial CPU
interface, which is the same as the W581xx series. The CPU interface consists of the TG1, TG2, and
STPA/BUSY pins. "NORMAL" and "CPU" decide whether the operation mode of W583xxx will be
normal mode or CPU mode.
"OSC_3MHz" and "OSC_1.5MHz" select the frequency of the system clock. "VOUT_DAC" and
"VOUT_PWM" select the voice output type.
Interrupt Vector Allocation
The W583xxx provides a total of 8 trigger inputs to communicate with the outside world. Each trigger
pin can invoke 2 dedicate interrupt vectors depending on TG pin status. The table below show the
relationship between TG pin status and interrupt vectors.
Interrupt vectors 8-15 are not allocated for TG pins in W583S10 because only TG1-TG4 pins are
provided in this chip.
INTERRUPT VECTOR
TRIGGER SOURCE
INTERRUPT VECTOR
TRIGGER SOURCE
0
TG1F
8
TG5F
1
TG2F
9
TG6F
2
TG3F
10
TG7F
3
TG4F
11
TG8F
4
TG1R
12
TG5R
5
TG2R
13
TG6R
6
TG3R
14
TG7R
7
TG4R
15
TG8R
32
POI
-
-
Instruction Set
There are two types of instruction in the W583xxx, unconditional and conditional instructions. The first
type of instructions are executed immediately after they are issued. The second type of instructions
are executed only when the conditions specified in the instruction are satisfied. All the instructions are
listed in the following table.
The cycle time for each instruction is 2/Sampling Frequency(Fs). For Fs = 6.0 KHz, the cycle time is
333
µS.
UNCONDITIONAL
CONDITIONAL
JP
G
JP
G
@STS
JP
Rn
JP
Rn
@STS
LD
EN0, value
LD
EN0, value
@STS
*
LD
EN1, value
*
LD
EN1, value
@STS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com