Electronic Components Datasheet Search
  English  ▼

X  

AD9434-370EBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9434-370EBZ
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434-370EBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9434-370EBZ Datasheet HTML 21Page - Analog Devices AD9434-370EBZ Datasheet HTML 22Page - Analog Devices AD9434-370EBZ Datasheet HTML 23Page - Analog Devices AD9434-370EBZ Datasheet HTML 24Page - Analog Devices AD9434-370EBZ Datasheet HTML 25Page - Analog Devices AD9434-370EBZ Datasheet HTML 26Page - Analog Devices AD9434-370EBZ Datasheet HTML 27Page - Analog Devices AD9434-370EBZ Datasheet HTML 28Page - Analog Devices AD9434-370EBZ Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Data Sheet
AD9434
Rev. B | Page 25 of 28
MEMORY MAP
READING THE MEMORY MAP TABLE
Each row in the memory map table (see Table 13) has eight
address locations. The memory map is roughly divided into
three sections: chip configuration register map (Address 0x00 to
Address 0x02), transfer register map (Address 0xFF), and ADC
functions register map (Address 0x08 to Address 0x2A). Data
written to the ADC functions register addresses also require
setting the SW transfer bit in register Address 0xFF to transfer
the data from the master to slave registers.
The Addr. (Hex) column of the memory map indicates the
register address in hexadecimal, and the Default Value (Hex)
column shows the default hexadecimal value that is already
written into the register. The Bit 7 (MSB) column is the start of
the default hexadecimal value given. For example, Hexadecimal
Address 0x2A, OVR_CONFIG, has a hexadecimal default value
of 0x01. This means that Bit 7 = 0, Bit 6 = 0, Bit 5 = 0, Bit 4 = 0,
Bit 3 = 0, Bit 2 = 0, Bit 1 = 0, and Bit 0 = 1, or 0000 0001 in
binary. The default value enables the OR± output. Overwriting
this default so that Bit 0 = 0 disables the OR± output. For more
information on this and other functions, consult the AN-877
Application Note, Interfacing to High-Speed ADCs via SPI® at
www.analog.com.
RESERVED LOCATIONS
Undefined memory locations should not be written to other
than with the default values suggested in this data sheet. Addresses
that have values marked as 0 should be considered reserved and
have a 0 written into their registers during power-up.
DEFAULT VALUES
Exiting out of reset, critical registers are preloaded with default
values. These values are indicated in Table 13. Other registers
do not have default values and retain the previous value when
exiting reset.
LOGIC LEVELS
An explanation of various registers follows: “Bit is set” is
synonymous with “bit is set to Logic 1” or “writing Logic 1 for
the bit.” Similarly, “clear a bit” is synonymous with “bit is set to
Logic 0” or “writing Logic 0 for the bit.”
Table 13. Memory Map Register
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default Notes/
Comments
Chip Configuration Registers
00
CHIP_PORT_CONFIG
0
LSB
first
Soft
reset
1
1
Soft
reset
LSB
first
0
0x18
The nibbles
should be
mirrored by the
user so that LSB
or MSB first
mode registers
correctly,
regardless of
shift mode.
01
CHIP_ID
8-bit chip ID, Bits[7:0] = 0x6A
Read
only
Default is a
unique chip ID,
different for
each device.
This is a read-
only register.
02
CHIP_GRADE
0
0
0
Speed grade:
00 = 500 MSPS
01 = 370 MSPS
X1
X1
X1
Read
only
Child ID used to
differentiate
graded devices.
Transfer Register
FF
DEVICE_UPDATE
0
0
0
0
0
0
0
SW
transfer
0x00
Synchronously
transfers data
from the master
shift register to
the slave.
ADC Functions Registers
08
Modes
0
0
PDWN:
0 = full
(default)
1 =
standby
0
0
Internal power-down mode:
000 = normal (power-up,
default)
001 = full power-down
010 = standby
011 = normal (power-up)
0x00
Determines
various generic
modes of chip
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com