Electronic Components Datasheet Search
  English  ▼

X  

AD9644 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9644
Description  Serial Output Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9644 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9644_17 Datasheet HTML 37Page - Analog Devices AD9644_17 Datasheet HTML 38Page - Analog Devices AD9644_17 Datasheet HTML 39Page - Analog Devices AD9644_17 Datasheet HTML 40Page - Analog Devices AD9644_17 Datasheet HTML 41Page - Analog Devices AD9644_17 Datasheet HTML 42Page - Analog Devices AD9644_17 Datasheet HTML 43Page - Analog Devices AD9644_17 Datasheet HTML 44Page - Analog Devices AD9644_17 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
AD9644
Data Sheet
Rev. C | Page 40 of 44
JESD204A Device Identification Number (DID)
(Register 0x64)
Bits[7:0]—Serial Device Identification (DID) Number
JESD204A Bank Identification Number (BID)
(Register 0x65)
Bits[7:4]—Open
Bits[3:0]—Serial Bank Identification (DID) Number
JESD204A Lane Identification Number (LID) for Lane 0
(Register 0x66)
Bits[7:5]—Open
Bits[4:0]—Serial Lane Identification (LID) Number for
Lane 0.
JESD204A Lane Identification Number (LID) for Lane 1
(Register 0x67)
Bits[7:5]—Open
Bits[4:0]—Serial Lane Identification (LID) Number for
Lane 1.
JESD204A Scrambler (SCR) and Lane Configuration
Registers (Register 0x6E)
Bit 7—Enable Serial Scrambler Mode
Setting this bit high enables the scrambler (SCR = 1).
Bits[6:1]—Open
Bit[0]—Serial Lane Control.
00000: one lane per link (L = 1).
00001: two lanes per link (L = 2).
00010: 11111—reserved.
JESD204A Number of Octets Per Frame (F)
(Register 0x6F—Read Only)
Bits[7:0]—Number of Octets per Frame (F)
The readback from this register is calculated from the following
equation: F = (M × 2)/L
Valid values for F for the AD9644 are:
F = 2, with M = 1 and L = 1
F = 4, with M = 2 and L = 1
F = 2, with M = 2 and L = 2
JESD204A Number of Frames Per Multiframe
(Register 0x70)
Bits[7:5]—Reserved
Bits[4:0]—Number of Frames per Multiframe (K).
JESD204A Number of Converters Per Link (M)
(Register 0x71)
Bits[7:1]—Reserved
Bit 0—Number of Converters per Link per Device (M).
0: link connected to one ADC. Only primary input used (M = 1).
1: link connected to two ADCs. Primary and secondary inputs
used (M = 2).
JESD204A ADC Resolution (N) and Control Bits Per
Sample (CS) (Register 0x72)
Bits[7:6]—Number of Control Bits per Sample (CS)
00: no control bits sent per sample (CS = 0).
01: one control bits sent per sample—overrange bit enabled.
(CS = 1).
10: two control bits sent per sample—overflow/underflow bits
enabled (CS = 2).
11: unused.
Bit 5—Open
Bits[4:0]—Converter Resolution (N)
Read only bits showing the converter resolution (reads back 13
(0xD) for 14-bit resolution).
JESD204A Total Bits Per Sample (N’) (Register 0x73)
Bits[7:5]—Open
Bits[4:0]—Total Number of Bits per Sample (N’)
Read only bits showing the total number of bits per sample—1
(reads back 15 (0xF) for 16 bits per sample).
JESD204A Samples Per Converter (S) Frame Cycle
(Register 0x74)
Bits[7:5]—Open
Bits[4:0]—Samples per Converter Frame Cycle (S)
Read only bits showing the number of samples per converter
frame cycle −1 (reads back 0 (0x0) for 1 sample per converter
frame).
JESD204A HD and CF Configuration (Register 0x75)
Bit 7—Enable High Density Format (Read Only)
Read only bit—always 0 in the AD9644.
Bits[6:5]—Reserved
Bits[4:0]—Number of Control Words per Frame Clock
Cycle per Link (CF)
Read only bits—reads back 0x0 for the AD9644.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com