Electronic Components Datasheet Search
  English  ▼

X  

AD9266-40EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9266-40EBZ
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9266-40EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9266-40EBZ Datasheet HTML 17Page - Analog Devices AD9266-40EBZ Datasheet HTML 18Page - Analog Devices AD9266-40EBZ Datasheet HTML 19Page - Analog Devices AD9266-40EBZ Datasheet HTML 20Page - Analog Devices AD9266-40EBZ Datasheet HTML 21Page - Analog Devices AD9266-40EBZ Datasheet HTML 22Page - Analog Devices AD9266-40EBZ Datasheet HTML 23Page - Analog Devices AD9266-40EBZ Datasheet HTML 24Page - Analog Devices AD9266-40EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AD9266
Data Sheet
Rev. B | Page 20 of 32
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9266 sample clock inputs,
CLK+ and CLK−, with a differential signal. The signal is typically
ac-coupled into the CLK+ and CLK− pins via a transformer or
capacitors. These pins are biased internally (see Figure 45) and
require no external bias.
0.9V
AVDD
2pF
2pF
CLK–
CLK+
Figure 45. Equivalent Clock Input Circuit
Clock Input Options
The AD9266 has a very flexible clock input structure. The clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal being used, clock source jitter is
of great concern, as described in the Jitter Considerations section.
Figure 46 and Figure 47 show two preferred methods for clock-
ing the AD9266 (at clock rates up to 625 MHz when using the
internal clock divider). A low jitter clock source is converted from
a single-ended signal to a differential signal using either an RF
transformer or an RF balun.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
Figure 46. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
1nF
CLOCK
INPUT
1nF
50Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 47. Balun-Coupled Differential Clock (Up to 625 MHz)
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 625 MHz, and the RF transformer is recom-
mended for clock frequencies from 10 MHz to 200 MHz.
The back-to-back Schottky diodes across the transformer/
balun secondary limit clock excursions into the AD9266 to
approximately 0.8 V p-p differential.
This limit helps prevent the large voltage swings of the clock
from feeding through to other portions of the AD9266 while
preserving the fast rise and fall times of the signal that are
critical to a low jitter performance.
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 48. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516-0/AD9516-1/AD9516-2/
AD9516-3/AD9516-4/AD9516-5/AD9517-0/AD9517-1/
AD9517-2/AD9517-3/AD9517-4 clock drivers offer excellent
jitter performance.
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD951x
PECL DRIVER
Figure 48. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 49. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516-0/
AD9516-1/AD9516-2/AD9516-3/AD9516-4/AD9516-5/
AD9517-0/AD9517-1/AD9517-2/AD9517-3/AD9517-4 clock
drivers offer excellent jitter performance.
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
Figure 49. Differential LVDS Sample Clock (Up to 625 MHz)
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pin directly from a CMOS gate, and
bypass the CLK− pin to ground with a 0.1 μF capacitor (see
Figure 50).
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
1
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 50. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com